Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR06DL10 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LR06DL10
Description  custom milliohm resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR06DL10 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LR06DL10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR06DL10 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/08/08
LR
custom milliohm resistor
PMS 300 neg.
Black neg.
applications and ratings
* Other resistances are also available on request.
Derating Curve
environmental applications
100
80
60
40
20
-40
-20
0
206080100120160
70
40
Ambient Temperature
(°C)
0
140
180
Performance Characteristics
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Resistance
25°C
Within specified
tolerance
––
T.C.R.
Room temp. +100°C UP
Within specified
T.C.R.
––
Resistance to
Soldering Heat
350°C ± 10°C, 3 seconds
±2.0%
±1.6%
Moisture Resistance
Power rating x 1/10, 40°C, 90% - 95% RH, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
±3.0%
±2.7%
Endurance at 70°C
Rated voltage, 70°C, 1000 hours
1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±3.0%
T.C.R.
(ppm/°C)
Max.
Resistance
Range
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Symbol
Maximum
Current
Rating (A)
LR12D
LR13D
LR16D
7.0
10m - 20m
Ω
+70°C
±100
-40°C
to
+180°C
7.5
9.0
9.5
10m - 20m
Ω
10m - 20m
Ω
10m - 15m
Ω
LR09D
LR10D
LR11D
4.5
20m - 50m
Ω
5.0
6.0
8.0
20m - 40m
Ω
15m - 20m
Ω
10m - 20m
Ω
LR14D
LR15D
LR18D
LR26D
5.5
15m - 30m
Ω
LR20D
11
12
5m - 10m
Ω
5m - 10m
Ω
LR23D
14
18
3m - 10m
Ω
3m - 5m
Ω
LR06D
LR07D
LR08D
3.0
50m - 100m
Ω
4.0
30m - 70m
Ω
Resistance
Tolerance
H: ±3%
J: ±5%
LR29D
21
12
13
15
16
08
09
11
14
10
18
20
23
26
06
07
29
3m - 5m
Ω
1733 Reader's Spreads pg1-203:document
1/27/09
4:05 PM
Page 53



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com