Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKL11CD Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # RKL11CD
Description  thick film SIP resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RKL11CD Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  RKL11CD Datasheet HTML 1Page - KOA Speer Electronics, Inc. RKL11CD Datasheet HTML 2Page - KOA Speer Electronics, Inc. RKL11CD Datasheet HTML 3Page - KOA Speer Electronics, Inc. RKL11CD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
70
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
RKC, RKH, RKL
thick film SIP resistors
Part
Designation
Operating
Temperature
Range
Rated
Ambient
Temperature
Circuit
Symbol
applications and ratings
Number
of Pins
125mW
250mW
125mW
20mW
40mW
125mW
200mW
125mW
125mW
500mW
250mW
0.1W
0.125W
0.25W
0.5W
1W
3-16
5-13
5-14
4-14
5-13
5-13
4-16
4-16
6-11
5-9
3-12
5-11
5-12
3-12
5-11
5-11
4-12
4-11
4-13
5-13
5-12
4-12
5-13
5-13
4-12
5-11
3-12
4-14
3-16
4-13
4-12
B
C
D
A
T
E
S
R
L
K
B
C
D
A
T
E
S
R
B
C
D
A
T
E
S
R
RKL
RKC
(1.8 pitch)
RKC
(2.54 pitch)
RKH
RKS
(2.0 pitch)
RKC
RKL
RKH
Custom
Power
Rating/
Element
±200
±200
±200
±200
±100
±150
±200
T.C.R.
(ppm/°C)
Max.
22-2.2M (E24)
100-100k (E24)
R=2.5k, 5k
10k, 25k
50k, 100k
R1(MSB):100 Min
Rn(LSB):1M Max
22-1M (E24)
100-100k (E24)
56-2.2M (E24)
100-100k (E24)
10-1M
Resistance
Range (
Ω)
Maximum
Working
Voltage
Resistance
Tolerance
F: ±1%
G: ±2%
J: ±5%
G: ±2%
J: ±5%
±1/2LSB
(Bit Error)
±1/2LSB
(Bit Error)
F: ±1%
G: ±2%
J: ±5%
G: ±2%
J: ±5%
F: ±1%
G: ±2%
J: ±5%
G: ±2%
J: ±5%
±0.5%
±1%
±2%
±5%
+70°C
+70°C
+70°C
+70°C
+70°C
-55°C
to
+155°C
-55°C
to
+125°C
-55°C
to
+125°C
-55°C
to
+155°C
-55°C
to
+125°C
200V
200V
100V
250V
100V
50V
200V
250V
100V
1733 Reader's Spreads pg1-203:document
1/27/09
4:06 PM
Page 68



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com