Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11988HR Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11988HR
Description  Fan Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11988HR Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11988HR Datasheet HTML 1Page - Sanyo Semicon Device LB11988HR Datasheet HTML 2Page - Sanyo Semicon Device LB11988HR Datasheet HTML 3Page - Sanyo Semicon Device LB11988HR Datasheet HTML 4Page - Sanyo Semicon Device LB11988HR Datasheet HTML 5Page - Sanyo Semicon Device LB11988HR Datasheet HTML 6Page - Sanyo Semicon Device LB11988HR Datasheet HTML 7Page - Sanyo Semicon Device LB11988HR Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LB11988HR
No.A0300-2/8
Electrical Characteristics at Ta = 25
°C, VCC = 12V, VS = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
VCC supply current
ICC
RL = 560Ω (Y)
15
24
mA
Output
VOsat1
IO = 500mA, Rf = 0.5Ω,
Sink+Source (with saturation prevention)
2.1
2.6
Output saturation voltage
VOsat2
IO = 1.0A, Rf = 0Ω,
Sink+Source (with saturation prevention)
2.6
3.5
V
Output leakage current
IOleak
1.0
mA
Hall amplifier
Input offset voltage
Voff(HALL)
-6
+6
mV
Input bias current
Ib(HALL)
VIN, WIN
1
3
µA
Vcm1(HALL)
VCC = VS = 12V
3
VCC-3
Common-mode input voltage
Vcm2(HALL)
VCC = VS = 5V
1.5
VCC-1.5
V
FR
Threshold voltage
VFRTH
4
8
V
Input bias current
Ib(FR)
-5
µA
Current limit
LIM pin current limit level
ILIM
Rf = 0.5
Ω, Hall input logic fixed
(U, V, W = H, H, L)
1
A
Saturation
Saturation prevention circuit
lower set voltage
VOsat(DET)
RL = 560Ω (Y),Rf = 0.5Ω
Voltage between each OUT and RF
0.28
V
FG Amplifier
Output “High” voltage
Vfgoh(SH)
11.8
Output “Low” voltage
Vfgol(SH)
0.3
V
Hysteresis width
Vhys
23
mV
TSD operating temperature
TTSD
Design target value*
170
°C
*: T-TSD is not measured because it stands for design target.
Package Dimensions
unit : mm
3233B
15.2
(6.2)
0.3
2.7
0.8
2.0
(0.8)
1
14
15
28
0.25
SANYO : HSOP28H(375mil)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com