Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8237 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM8237
Description  1.2MHz STEP-UP CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8237 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM8237 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 13Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 14Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SAMHOP Microelectronics Corp.
1.2MHz STEP-UP CONVERTER
APPLICATIONS INFORMATION
2. Using a DC voltage
For some applications. The preferred method of brightness control is a variable DC voltage to adjust the LED
current. The dimming control using a DC voltage is shown in figure 5. As the DC voltage increases, the voltage
drop on R2 increases and the voltage drop on R1 decreases. Thus, the LED current decreases. The selection
of R2 and R3 will make the current from the variable DC source much smaller than the LED current and much
larger than the FB pin bias curent. For VDC range from 0V to 2V, the selection of resistors in figure 3 gives
dimming control of LED current from 0mA to 15mA.
3. Using a filtered PWM signal
The filtered PWM signal can be considered as an adjustable DC voltage. It can be used to replace the variable
DC voltage source in dimming control. The circuit is shown in figure 6.
4. Using a logic signal
For applications that need to adjust the LED current in discrete steps, a logic signal can be used as shown in
figure 5. R1 sets the minimum LED current (when the NMOS is off). RINC sets how much the LED current
increases when the NMOS is turned on. The selection of R1 and RINC follows formula (1) and Table 1.
Start-up and inrush current
To achieve minimum start-up delay, no internal soft-start circuit is included in SM8237. When first turned on
without an external soft-start circuit, inrush current is about 200mA . If soft-start is desired, the recommended
circuit and the waveforms are shown in figure 6. If both soft-start and dimming are used, a 10kHz PWM signal
on SHDN is not recommended. Use a lower frequency or implement dimming through the FB pin as shown in
figure 3,4 or5 .
SM8237
Figure 4. Dimming control using a filtered PWM control
SM8237
SM8237
Figure 5. Dimming control using a logic signal
Figure 3 Dimming control using a DC voltage
SM8237
SM8237
Page 10
Figure 6. Recommended soft-start circuit
SM8237
V.1.3 Aug 28,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com