Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM16705P Datasheet(PDF) 13 Page - SamHop Microelectronics Corp.

Part # SM16705P
Description  8-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705P Datasheet(HTML) 13 Page - SamHop Microelectronics Corp.

Back Button SM16705P Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 13Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 14Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 15Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
Page 13
V.2.10
SM16705P 16 PIN DIP
PACKAGE OUTLINE
8
1
16
9
Unit : mm
Weight: 1.11g(Type)
19.18 + 0.51
2.54
1.524
0.4572
0.508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com