Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4472 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM4472
Description  N- hannel nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4472 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM4472 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4472 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4472 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4472 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4472 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4472 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4472 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
V DS =20V ,ID=1A
V G S =10V
5
S T M4472
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
2
4
6
8
10
12
14 16
V DS =20V
ID=7A
F igure 11.s witching characteris tics
R g, G ate R es is tance (
Ω)
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
50
10
1
0.1
0.03
0.1
1
10 40
V GS =10V
S ingle P uls e
T A=25 C
R
DS
(O
N)
Lim
it
10
m
s
100
ms
1s
DC
100
10
1
1
6 10
60 100
60
600
300
250
30
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
5
C is s
C os s
C rs s
0.01
0.1
1
9
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
P DM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05
T D ( o n )
T r
T D ( o f f )
T f



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com