Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6924 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM6924
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6924 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM6924 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6924 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6924 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6924 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6924 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6924 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6924 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
IGSS
±100
nA
VGS(th)
1
V
23
gFS
12
S
VSD
CISS
825
pF
COSS
80
pF
CRSS
64
pF
Qg
15.5
nC
13.5
nC
Qgs
17
nC
Qgd
18
tD(ON)
13
ns
tr
2
ns
tD(OFF)
ns
tf
ns
Gate-Drain Charge
VDS=20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=20V
ID=1A
VGS=10V
RGEN=3.3ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=20V,ID=6.8A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=6.8A
VDS=5V , ID=6.8A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=5.3A
35
m ohm
c
f=1.0MHz
c
VDS=20V,ID=6.8A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=1.7A
0.78
1.3
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V,VGS=10V.(See Figure13)
_
_
STM6924
www.samhop.com.tw
Nov,07,2008
2
nC
VDS=20V,ID=6.8A,VGS=4.5V
6.5
_
1.8
28
46
IS
Maximum Continuous Drain-Source Diode Forward Current
1.7
A
3.6
Ver 1.0
b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com