Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8455 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM8455
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8455 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM8455 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8455 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
ID, Drain C urrent (A)
V GS , G ate-to-S ource Voltage (V )
4
S TM8455
45
40
35
30
25
20
1
15
12
9
6
0
0
0.8
1.6
2.4
3.2
4.0
4.8
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
T j( C )
75
25
50
T j, J unction T emperature ( C )
F igure 1. Output C haracteristics
V DS , Drain-to-S ource Voltage (V )
15
12
9
6
3
0
0.5
1
1.5
2
2.5
3
V GS =3V
V GS =4.5V
F igure 3. On-R esistance vs. Drain C urrent
and G ate V oltage
3
6
9
12
15
1
V GS =10V
V GS =4.5V
V GS =4.5V
ID=4A
3
T j=125 C
-55 C
V GS =8V
125
V GS =10V
ID=5A
a.Surface Mounted on FR4 Board, t <=10sec.
Parameter
Symbol
Condition
Min Typ Max Unit
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
N-Ch
0.8
1.3
-0.77
-1.3
VGS = 0V, Is =-1.7A
P-Ch
V
b
C
N-Channel
25 C
V GS =10V
150
V GS =3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com