Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8601 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM8601
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8601 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM8601 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8601 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
IGSS
±100
nA
VGS(th)
1
V
48
gFS
S
VSD
CISS
852
pF
COSS
72
pF
CRSS
45
pF
Qg
12
nC
11
nC
Qgs
37.5
nC
Qgd
8
tD(ON)
14
ns
tr
1.75
ns
tD(OFF)
2.9
ns
tf
ns
Gate-Drain Charge
VDS=30V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=30V
ID=1A
VGS=10V
RGEN=3.3 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=30V,ID=4.5A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=4.5A
VDS=5V , ID=4.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=48V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
N-Channel ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=4A
58
55
75
m ohm
c
f=1.0MHz
c
VDS=30V,ID=4.5A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=2A
0.8
1.2
V
STM8601
www.samhop.com.tw
Nov,06,2008
2
nC
VDS=30V,ID=4.5A,VGS=4.5V
6.7
1.9
b
IS
Maximum Continuous Drain-Source Diode Forward Current
2
A
12
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com