Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4501 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS4501
Description  P -Channel E nhancement Mode F ield E ffect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS4501 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS4501 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS4501 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
S T S 4501
E LE C TR IC AL C HAR AC TE R IS TIC S (TA 25 C unless otherwise noted)
=
5
2
Parameter
S ymbol
Condition
Min Typ Max Unit
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-40
V
Zero Gate Voltage Drain Current
IDSS
VDS -32V, VGS 0V
=
=
-1
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
100 nA
ON CHAR ACTE R IS TICS
a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
V
Drain-S ource On-S tate R esistance
R DS(ON)
VGS -10V, ID -3.5A
VGS -4.5V, ID -2A
85
On-S tate Drain Current
ID(ON)
VDS = -5V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -3.5A
DYNAMIC CHAR ACTE R IS TICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-25V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
C
=
=
=
=
=
=
65
uA
m ohm
m ohm
-20
60
100
660
8.7
S WITCHING CHAR ACTE R IS TICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = -20V
ID = -1A
VGS = -10V
R GEN = 3.3 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-S ource Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-28V, ID = -3.5 A
VGS =-10V
nC
nC
nC
Fall Time
nC
13
22
72
11
10.5
3.8
1.4
6.5
-1
-1.6
-3
54
70
VDS =-28V, ID =-3.5A,VGS =-10V
VDS =-28V, ID =-3.5A,VGS =-4.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com