Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4622 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS4622
Description  Dual N-Channel Enhancement Mode Field E ffect Trans is tor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS4622 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS4622 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S T S 4622
E LE C TR IC AL C HAR AC TE R IS TIC S (TA 25 C unless otherwise noted)
=
Parameter
S ymbol
Condition
Min Typ Max Unit
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
40
V
Zero Gate Voltage Drain Current
IDSS
VDS 32V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
100
nA
ON CHAR ACTE R IS TICS
b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
3
V
Drain-S ource On-S tate R esistance
R DS(ON)
VGS 10V, ID 3A
65
VGS 4.5V, ID 2A
85
On-S tate Drain Current
ID(ON)
VDS = 5V, VGS = 4.5V
A
S
Forward Transconductance
FS
g
VDS 5V, ID
DYNAMIC CHAR ACTE R IS TICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =20V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
S WITCHING CHAR ACTE R IS TICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 20V,
ID = 1A,
VGS = 10V,
R L = 20 ohm
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-S ource Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =20V, ID = 3A,
VGS =10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
2
m-ohm
m-ohm
10
=3A
7
330
50
28
7.9
4.6
17
9.3
6.7
0.9
1.6
66
53
1.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com