Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-252 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-252
Description  Common Mode Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-252 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-252 Datasheet HTML 1Page - Rhombus Industries Inc. L-252 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
CMODEPOT 5/97
Single Layer Windings with Spacers specially designed
by Rhombus Industries to provide 3mm Creepage and
Clearance for International Safety Compliance.
Part
I
L
Test Level
L
L
DCR
Number
Max.
mHy Min
V
RMS
Max.
Max.
Leads
Size
Horiz.
(A)
@1 KHz
@1 KHz
(
µH)
(m
Ω)
(AWG)
Code
L-244
1.8
10
0.50
130
240
20
H1
L-245
3.5
3
0.20
35
60
20
H1
L-246
6.0
1
0.08
12
20
19
H1
L-247
2.6
16
1.00
180
160
18
H2
L-248
3.2
8
0.50
90
120
18
H2
L-249
5.2
4
0.20
45
40
19
H2
L-250
7.5
2
0.08
25
20
17
H2
Common Mode Inductors
POTTED HORIZONTAL STYLE
1
3
2
4
NEW!
1
2
3
4
L-249
9701
Size
Code "H2"
(Low Profile
Horizontal)
3
4
1
2
L-245
9701
Size
Code "H1"
(Low Profile
Horizontal)
Schematic Diagram
Schematic Diagram
22
Designed to prevent noise emission
in switching power supplies at input.
Windings balanced to 1%
Isolation 1250 VRMS
Materials used in the construction
of these parts are UL 94 VO and
are rated at 130o C or better


Similar Part No. - L-252

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
Common Mode Inductors
3/06/96
More results

Similar Description - L-252

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
Common Mode Inductors
3/06/96
L-14000 RHOMBUS-IND-L-14000 Datasheet
58Kb / 2P
Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
Common Mode Inductors
CMT-8116 TRIAD-CMT-8116 Datasheet
93Kb / 1P
Common Mode Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com