Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU407D Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU407D
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU407D Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU407D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU407D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S T U407D
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-40
V
Zero Gate Voltage Drain Current
IDSS
VDS -32V, VGS 0V
=
=
-1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
10
uA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -6A
VGS -4.5V, ID -4A
65
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -6A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-20V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = -20V
ID = -3A
VGS = -10V
R GEN = 3 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-20V, ID = -6 A
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
3
5
48
uA
m ohm
m ohm
P-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
VDS =-20V, ID =-6A,VGS =-10V
nC
VDS =-20V, ID =-6A,VGS =-4.5V
-20
75
135
920
15
25
60
13
12
4.0
2
7.2
9
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
3.5
-1
-1.6
-3
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com