Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11543 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ACT11543
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11543 Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11543 Datasheet HTML 1Page - Texas Instruments 74ACT11543 Datasheet HTML 2Page - Texas Instruments 74ACT11543 Datasheet HTML 3Page - Texas Instruments 74ACT11543 Datasheet HTML 4Page - Texas Instruments 74ACT11543 Datasheet HTML 5Page - Texas Instruments 74ACT11543 Datasheet HTML 6Page - Texas Instruments 74ACT11543 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74ACT11543
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS136 – D3608, JULY 1990 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–3
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH =50 mA
4.5 V
4.4
4.4
IOH = – 50 mA
5.5 V
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
V
IOH = – 24 mA
5.5 V
4.94
4.8
IOH = – 75 mA†
5.5 V
3.85
IOL =50 mA
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
Control inputs
VI = VCC or GND
5.5 V
± 0.1
± 1
mA
IOZ
A or B ports‡
VO = VCC or GND
5.5 V
± 0.5
± 5
mA
ICC
VI = VCC or GND, IO = 0
5.5 V
8
80
mA
DICC§
One input at 3.4 V, Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
Control inputs
VI = VCC or GND
5 V
4.5
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LEAB or LEBA low
4
4
ns
t
Setup time
Data after LEAB or LEBA
↑
2.5
2.5
ns
tsu
Setup time
Data before CEAB or CEBA
↑
3
3
ns
th
Hold time
Data after LEAB or LEBA
↑
2
2
ns
th
Hold time
Data after CEAB or CEBA
↑
1.5
1.5
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com