Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11652 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11652
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11652 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11652 Datasheet HTML 1Page - Texas Instruments 74ACT11652 Datasheet HTML 2Page - Texas Instruments 74ACT11652 Datasheet HTML 3Page - Texas Instruments 74ACT11652 Datasheet HTML 4Page - Texas Instruments 74ACT11652 Datasheet HTML 5Page - Texas Instruments 74ACT11652 Datasheet HTML 6Page - Texas Instruments 74ACT11652 Datasheet HTML 7Page - Texas Instruments 74ACT11652 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74ACT11652
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS087A – APRIL 1993 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Independent Registers and Enables for A
and B Buses
D Multiplexed Real-Time and Stored Data
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
description
This device consists of bus transceiver circuits,
D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the
data bus or from the internal storage registers.
Enable GAB and GBA are provided to control the
transceiver functions. SAB and SBA control pins
are provided to select whether real-time or stored
data is transferred. The circuitry used for select
control eliminates the typical decoding glitch that
occurs in a multiplexer during the transition
between stored and real-time data. A low input
level selects real-time data, and a high selects
stored
data.
Figure
1
illustrates
the
four
fundamental bus-management functions that can
be performed with the octal bus transceivers and
registers.
Data on the A or B data bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock pins (CAB or CBA), regardless of the select or enable control pins. When SAB and SBA are
in the real-time transfer mode, it is also possible to store data without using the internal D-type flip-flops by
simultaneously enabling GAB and GBA. In this configuration, each output reinforces its input. Thus, when all
other data sources to the two sets of bus lines are at high impedance, each set of bus lines remains at its last
state.
The 74ACT11652 is characterized for operation from –40
°C to 85°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GAB
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
GBA
CAB
SAB
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
CBA
SBA
DW PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651DW TI1-74ACT11651DW Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651NT TI1-74ACT11651NT Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11656 TI1-74ACT11656 Datasheet
253Kb / 11P
OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
74ACT11656DW TI1-74ACT11656DW Datasheet
253Kb / 11P
OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
More results

Similar Description - 74ACT11652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com