Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH2H Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TLRH2H
Description  metal plate chip type lowresistance resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLRH2H Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TLRH2H Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLRH2H Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PMS 300 neg.
Black neg.
41
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/13/08
TLRH
metal plate chip type low resistance resistors
Operating
Temp. Range
-65°C~+170°C
Terminal Temp.
Under a Rated
Load
+105°C
and less
Resistance Range (
Ω)
F: ±1% (E12)
33m~250m
22m~150m
Part
Designation
Taping & Q’ty/Reel (pcs)
TE
4,000
2,000
Power
Rating
1.0W
2.0W
T.C.R.
(x10-6/K)
±50
±50
applications and ratings
Derating Curve
Temperature Rise
environmental applications
100
80
60
40
20
-80
-60 -40
0
406080 100
180
105
-65
20
Ambient Temperature
(°C)
0
120
170
-20
140 160
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
1
2
100
3AW
3AW
2H
2H
1
2
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+100°C
Within specified
tolerance
Within specified
T.C.R.
±0.5%
±0.5%
±0.5%
±0.5%
±1%
±0.5%
±1%
Overload (Short time)
Rated voltage x 5 for 5 seconds
Resistance to soldering heat
260°C ±5°C, 10 seconds ~ 12 seconds
Rapid change of temperature
-55°C (15min.)/+150°C (15min.) 1000 cycles
Moisture resistance
85°C ±2°C, 85% RH, 1000 hours, 10% Bias
Endurance at 105°C and less
of terminal temperature
Terminal temp.: 105°C, 1000 hours, 1.5 hours ON/0.5 hour OFF cycle
Low Temperature Exposure
-65°C, 96 hours
High Temperature Exposure
+170°C, 1000 hours
TLRH 3AW
TLRH 2H/3AW
TLRH 2H
—
—
±0.2%
±0.1%
±0.1%
±0.1%
±0.3%
±0.02%
±0.2%
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 39



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com