Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD7T Datasheet(PDF) 16 Page - Pletronics, Inc.

Part # FD7T
Description  Multi-Output CMOS Clock Oscillator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7T Datasheet(HTML) 16 Page - Pletronics, Inc.

Back Button FD7T Datasheet HTML 11Page - Pletronics, Inc. FD7T Datasheet HTML 12Page - Pletronics, Inc. FD7T Datasheet HTML 13Page - Pletronics, Inc. FD7T Datasheet HTML 14Page - Pletronics, Inc. FD7T Datasheet HTML 15Page - Pletronics, Inc. FD7T Datasheet HTML 16Page - Pletronics, Inc. FD7T Datasheet HTML 17Page - Pletronics, Inc. FD7T Datasheet HTML 18Page - Pletronics, Inc. FD7T Datasheet HTML 19Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
16
Pad Functions FD75xxT:
Pad
Function
Note
Output
Function
O
t
h
e
r
S
S
C
S
S
D
1
Vsupply1
1.8V, powers internal circuitry of the oscillator. Bypass capacitor required near the
package pin.
2
Vcontrol
Frequency control input when the VCXO function is enabled
3
Ground (GND)
4
Out4 (Y5)
PLL1 frequency divider 2 and divided by 1 through 127
XXX
PLL2 frequency divider 4 and divided by 1 through 127
PLL2 frequency divider 5 and divided by 1 through 127
5
Vsupply2
1.8V, 2.5V or 3.3V supply for the output buffers. Sets CMOS output level. Bypass
capacitor required near the package pin.
6
n.c.
No connection or connect to ground
(do not connect to a signal lead)
7
n.c.
No connection or connect to ground
(do not connect to a signal lead)
8
Out5 (Y7)
PLL2 frequency divider 4 and divided by 1 through 127
X
X
X
PLL3 frequency divider 6 and divided by 1 through 127
X
X
X
PLL3 frequency divider 7 and divided by 1 through 127
X
X
X
9
Out3 (Y3)
Crystal reference frequency divider 1 and divided by 1 through 1023
X
X
X
PLL1 frequency divider 2 and divided by 1 through 127
X
X
X
PLL1 frequency divider 3 and divided by 1 through 127
X
X
X
10
Out2 (Y2)
Crystal reference frequency divider 1 and divided by 1 through 1023
X
PLL1 frequency divider 2 and divided by 1 through 127
X
X
X
11
Out1 (Y1)
Crystal reference frequency divider 1 and divided by 1 through 1023
X
PLL1 frequency divider 1 and divided by 1 through 1023
X
X
X
12
S2 / SCL
Serial Data Clock
S2
Input to select 1 of 8 preprogrammed
functions of the outputs
13
S1 / SDA
Serial Data
S1
14
S0
S0
Other
Logic “0" or tri-stated (off)
SSC
The output can have a spread spectrum centered about the output frequency.
SSD
The output can have a spread spectrum from the output frequency downward.
All unused inputs should be pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com