Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP24 Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # LP24
Description  Low Profile Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LP24 Datasheet(HTML) 3 Page - Pletronics, Inc.

  LP24 Datasheet HTML 1Page - Pletronics, Inc. LP24 Datasheet HTML 2Page - Pletronics, Inc. LP24 Datasheet HTML 3Page - Pletronics, Inc. LP24 Datasheet HTML 4Page - Pletronics, Inc. LP24 Datasheet HTML 5Page - Pletronics, Inc. LP24 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP21 / LP24 / LP49 Series
Low Profile Crystal
January 2009
www.pletronics.com
425-776-1880
3
Part Number:
LP49 -18
-14.31818M -50 H 1 G G
-XX
See chart below for available options
Internal code or blank
Highest Specified Operating Temperature
A = 40
oC
G = 70
oC
B = 45
oC
H = 75
oC
C = 50
oC
J = 80
oC
D = 55
oC
K = 85
oC
E = 60
oC
F = 65
oC
Lowest Specified Operating Temperature
A = +10
oC
F = -15
oC
L = -40
oC
B = +5
oC
G = -20
oC
C = 0
oC
H = -25
oC
D = -5
oC
J = -30
oC
E = -10
oC
K = -35
oC
Mode: 1 = Fundamental
3 =3rd Overtone
Frequency Stability
See chart below
Calibration Frequency Tolerance (Typ. Values shown)
15 = +
_ 15 ppm at 25
oC +
_ 3
oC
20 = +
_ 20 ppm at 25
oC +
_ 3
oC
30 = +
_ 30 ppm at 25
oC +
_ 3
oC (Standard)
Frequency in MHZ
Cload in pF
Parallel Resonance from 09 to 44 pF or
SR = Series Resonance
Series Model
Available Frequency Stability versus Temperature in ppm
Operating
Temperature Range
DE
F
G
H
J
CODE
+
_ 10
+
_ 15
+
_ 20
+
_ 30
+
_ 50
+
_ 100
0 to +45
oC
CB
!!!!!!
0 to +50
oC
CC
!!!!!!
0 to +60
oC
CE
!!!!!!
0 to +70
oC
CG
!!!!
STD
!
-10 to +50
oC
EC
!!!!!!
-10 to +60
oC
EE
!!!!!!
-10 to +75
oC
EH
!!!!!!
-20 to +70
oC
GG
!!!!!!
-20 to +75
oC
GH
!!!!!!
-30 to +75
oC
JH
!!!!!!
-30 to +80
oC
JJ
!!!!!!
-30 to +85
oC
JK
!!!!!!
-35 to +80
oC
KJ
!!!!!
-40 to +85
oC
LK
!!!!!



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com