Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP49 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # LP49
Description  Low Profile Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LP49 Datasheet(HTML) 1 Page - Pletronics, Inc.

  LP49 Datasheet HTML 1Page - Pletronics, Inc. LP49 Datasheet HTML 2Page - Pletronics, Inc. LP49 Datasheet HTML 3Page - Pletronics, Inc. LP49 Datasheet HTML 4Page - Pletronics, Inc. LP49 Datasheet HTML 5Page - Pletronics, Inc. LP49 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2009, Pletronics Inc.
to specifications per the terms of the Pletronics limited warranty. Production
processsing does not necessarily include testing of all parameters.
LP21 / LP24 / LP49 Series
Low Profile Crystal
January 2009
• The Pletronics’ LP49 Series is a low profile
thru-hole crystal
• Bulk packaging
• 3 MHz to 70 MHz
• HC-49/US
• AT Cut Crystal
LP21
0.082 (2.10mm) high
LP24
0.100 (2.50mm) high
LP49
0.140 (3.56mm) high
Pletronics Inc. certifies this device is in accordance with the
RoHS 5/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead (<1000 ppm), Mercury, PBB’s, PBDE’s
Weight of the Device: 0.62 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e1, e2 or e3
Electrical Specification:
Item
Min
Max
Unit
Condition
Frequency Range
3
70
MHz
AT cut
Calibration Frequency Tolerance
-
-
ppm
at +25
oC +
_ 3
oC
see table on page 3 for
available options
Frequency Stability over OTR
-
-
ppm
Equivalent Series Resistance
(ESR)
-
200
Ohms
3 MHz to 4 MHZ
LP49
Fundamental
-
150
Ohms
4 MHZ to 5 MHZ
LP49/LP24
-
120
Ohms
5 MHZ to 6 MHZ
LP49/LP24
-
100
Ohms
6 MHZ to 7 MHZ
LP49/LP24
-
80
Ohms
7 MHZ to 9 MHZ
LP49/LP24
-
70
Ohms
9 MHZ to 10 MHZ
LP49/LP24/LP21
-
50
Ohms
13 MHZ to 15 MHZ
LP49/LP24/LP21
-
40
Ohms
15 MHZ to 27 MHZ
LP49/LP24/LP21
-
35
Ohms
27 MHZ to 30 MHZ
LP49/LP24/LP21
-
100
Ohms
27 MHZ to 32 MHZ
LP49/LP24/LP21
3
rd Overtone
-
80
Ohms
32 MHZ to 50 MHZ
LP49/LP24/LP21
-
60
Ohms
50 MHZ to 70 MHZ
LP49/LP24/LP21
Drive Level
-
1
mW
use 10 µW for testing
Shunt Capacitance
(C0)
-
7
pF
Pad to Pad capacitance
Aging per year
-5
+5
ppm
at +25
oC +
_ 3
oC
Specified Temperature Range
-40
+85
oC
see table on page 3 for available options
Storage Temperature Range
-55
+125
oC


Similar Part No. - LP49

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP49 ETC1-LP49 Datasheet
57Kb / 2P
CRYSTAL IN HC-49/S TRU-HOLE PACKAGE
logo
Pulse A Technitrol Comp...
LP490NMO PULSE-LP490NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP490NMO PULSE-LP490NMO Datasheet
395Kb / 3P
UHF 406-512 MHz
LP490NMO PULSE-LP490NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP490NMOW PULSE-LP490NMOW Datasheet
395Kb / 3P
UHF 406-512 MHz
More results

Similar Description - LP49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
logo
ECM Electronics Limited...
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
logo
AEL Crystals Ltd
HC-49S AEL-HC-49S Datasheet
132Kb / 1P
Low Profile Crystal
logo
ECS, Inc.
HC-49USSX ECS-HC-49USSX Datasheet
155Kb / 2P
Low Profile Crystal
logo
Abracon Corporation
ABLSG ABRACON-ABLSG Datasheet
2Mb / 2P
LOW PROFILE CRYSTAL
08.20.10
logo
Golledge Electronics Lt...
HC49-4H GOLLEDGE-HC49-4H_16 Datasheet
113Kb / 1P
Low Profile Crystal
logo
Raltron Electronics Cor...
AS-12.000-20 RALTRON-AS-12.000-20 Datasheet
96Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20 RALTRON-AS-12.288-20 Datasheet
96Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-12.288-20-SMD RALTRON-AS-12.288-20-SMD Datasheet
123Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABS07-166-32.768KHZ-T ABRACON-ABS07-166-32.768KHZ-T Datasheet
691Kb / 3P
SMD LOW PROFILE CRYSTAL
03.19.2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com