Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR732HTTP1R00F Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # SR732HTTP1R00F
Description  Low Resistance Flat Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR732HTTP1R00F Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  SR732HTTP1R00F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR732HTTP1R00F Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KOA SPEER ELECTRONICS, INC.
SS-239 R4
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 8
Item
Requirement
Test Methods (JIS C 5202)
Thermal Shock
± 1.0%
-40°C 30 minutes
(Air to Air)
125°C 30 minutes
100 cycles
High Temperature
± 1.0%
7.2
Exposure
125 ± 3°C
1000 hrs.
Load Life in Humidity
± 2.0%
7.9
40 ± 2°C
90 ~ 95% RH
1000 hrs.
Load Life
± 2.0%
7.10
70 ± 3°C
1000 hrs.
8-3 Environmental Characteristics
Item
Requirement
Test Methods (JIS C 5202)
Insulation
Above 103 MΩ
5.6
500V DC
The following sketch:
Withstanding Voltage
± 0.5%
5.7
500V DC
60 ± 10/0 sec.
The following sketch:
Temperature Rise
1) Surface temp. rise: 100°C≥
5.4
(Rated Load)
2) ΔR ± 0.5%
1) Test board
90mm x 10mm x 1.6mm
2) Recommended land dimensions
\
8-2 Electrical Characteristics (Continued)
\
SS-239 R4
12/5/07
10:11 AM
Page 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com