Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR732ATTDR10F Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # UR732ATTDR10F
Description  Current Sensing Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

UR732ATTDR10F Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  UR732ATTDR10F Datasheet HTML 1Page - KOA Speer Electronics, Inc. UR732ATTDR10F Datasheet HTML 2Page - KOA Speer Electronics, Inc. UR732ATTDR10F Datasheet HTML 3Page - KOA Speer Electronics, Inc. UR732ATTDR10F Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 4
SS-258 R6
KOA SPEER ELECTRONICS, INC.
Parameter
Requirement ∆ R
Test Method
Resistance to Solder Heat
± (1.0% + 0.005Ω)
MIL-R-55342 π 4.7.7, 260°C ± 5°C 10 ± 1 sec.
Solderability
95% coverage minimum
4.17 235°C ± 5°C 2 + 0.5 sec.
Terminal Strength Bend
± (1.0% + 0.005Ω)
5mm min. deflection in either direction for 10 sec.
Vibration
± (0.5% + 0.005Ω)
Each directions (3) for 2 hours
T.C.R.
Within specified
4.8 -55°C/+25°C/125°C
Short Time Overload
± (2.0% + 0.005Ω)
MIL-R-55342 π 4.7.5, 2.5 x RCWV for 5 sec.
Pulse
± (5.0% + 0.005Ω)
2.5 x RCWV, not exceeding maximum overload
voltage, 1 sec. ON, 25 sec. OFF, 10,000 cycles
Thermal Shock
± (1.0% + 0.005Ω)
4.19 -40°C (30 min.), +125°C ( 30 min.), 50 cycles
High Temperature
± (1.0% + 0.005Ω)
4.23 125°C ± 3°C, 1000 hrs
Exposure
Moisture Resistance
± (2.0% + 0.005Ω)
4.24 40°C ± 2°C 90 - 95% RH, 1000 hrs
Life
± (2.0% + 0.005Ω
4.25 70°C ± 3°C, 1000 hrs
6. Characteristics
7. Pad Dimensions
C
D
A
B
Soldering Pad
Chip Resistor
8. Packaging Specifications
8.1 Leader and End Tape
(Empty)
Top tape
15.75 (400)
1.97 (50)
7.87 (200)
(Empty)
Tape running direction
End Tape
(Top Tape)
Leader Tape
UR73
2A
2.0 X 1.25
1.3
3.1
1.25
0.9
2B
3.2 X 1.6
2.2
4.4
1.6
1.1
1E
1.0 X 0.5
0.5
1.8
0.5
0.65
1J
1.6 X 0.8
0.5
2.5
0.9
1.0
2A
2.0 X 1.25
0.8
3.4
1.3
1.3
2B
3.2 X 1.6
1.2
4.6
1.8
1.7
2H
(10m~30mΩ)
5.0 X 2.5
1.8
6.1
2.6
2.5
UR73D
2H
(33m~100mΩ)
5.0 X 2.5
3.3
6.1
2.5
1.4
3A
(10m~30mΩ)
6.4 X 3.2
2.3
8.0
3.3
1.7
3A
(33m~100mΩ)
6.4 X 3.2
4.6
8.0
3.0
1.7
Type
Style
Dimensions millimeters
Component Size
A
B
C
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com