Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS807E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS807E
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS807E Datasheet(HTML) 1 Page - Texas Instruments

  ADS807E Datasheet HTML 1Page - Texas Instruments ADS807E Datasheet HTML 2Page - Texas Instruments ADS807E Datasheet HTML 3Page - Texas Instruments ADS807E Datasheet HTML 4Page - Texas Instruments ADS807E Datasheet HTML 5Page - Texas Instruments ADS807E Datasheet HTML 6Page - Texas Instruments ADS807E Datasheet HTML 7Page - Texas Instruments ADS807E Datasheet HTML 8Page - Texas Instruments ADS807E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
12-Bit, 53MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q SPURIOUS-FREE DYNAMIC RANGE:
82dB at 10MHz fIN
q HIGH SNR: 67.5dB (2Vp-p), 69dB (3Vp-p)
q LOW POWER: 335mW
q INTERNAL OR EXTERNAL REFERENCE
q LOW DNL: 0.5LSB
q FLEXIBLE INPUT RANGE: 2Vp-p to 3Vp-p
q SSOP-28 PACKAGE
DESCRIPTION
The ADS807 is a high-speed, high dynamic range,
12-bit pipelined Analog-to-Digital (A/D) converter. This con-
verter includes a high-bandwidth track-and-hold that gives
excellent spurious performance up to and beyond the Nyquist
rate. The differential nature of this track-and-hold and A/D
converter circuitry minimizes even-order harmonics and gives
excellent common-mode noise immunity. The track-and-hold
can also be operated single-ended.
The ADS807 provides for setting the full-scale range of the
converter without any external reference circuitry. The inter-
nal reference can be disabled allowing low drive, internal
references to be used for improved tracking in multichannel
systems.
The ADS807 provides an over-range indicator flag to indicate
an input signal that exceeds the full-scale input range of the
converter. This flag can be used to reduce the gain of front
end gain control circuitry. There is also an output enable pin
to allow for multiplexing and testability on a PC board.
The ADS807 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications.
APPLICATIONS
q COMMUNICATIONS IF PROCESSING
q COMMUNICATIONS BASESTATIONS
q TEST EQUIPMENT
q MEDICAL IMAGING
q VIDEO DIGITIZING
q CCD DIGITIZING
ADS8
07E
Pipelined
A/D
Converter
Internal
Reference
Optional External
Reference
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
D0
•
•
•
D11
CLK
ADS807
OE
IN
INT/EXT
IN
CM
+2.5V
+2.5V
+3V
+2V
+2V
+3V
FS
SEL
(Opt.)
ADS807
SBAS072A – JANUARY 1999 – REVISED JULY 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS807E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS807E BURR-BROWN-ADS807E Datasheet
225Kb / 15P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS807E TI1-ADS807E Datasheet
857Kb / 22P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807E TI1-ADS807E Datasheet
859Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS807E TI2-ADS807E Datasheet
501Kb / 21P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
ADS807E.B TI2-ADS807E.B Datasheet
501Kb / 21P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
More results

Similar Description - ADS807E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS807 TI1-ADS807_14 Datasheet
857Kb / 22P
12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com