Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26C31C Datasheet(PDF) 2 Page - Texas Instruments

Part # AM26C31C
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31C Datasheet(HTML) 2 Page - Texas Instruments

  AM26C31C Datasheet HTML 1Page - Texas Instruments AM26C31C Datasheet HTML 2Page - Texas Instruments AM26C31C Datasheet HTML 3Page - Texas Instruments AM26C31C Datasheet HTML 4Page - Texas Instruments AM26C31C Datasheet HTML 5Page - Texas Instruments AM26C31C Datasheet HTML 6Page - Texas Instruments AM26C31C Datasheet HTML 7Page - Texas Instruments AM26C31C Datasheet HTML 8Page - Texas Instruments AM26C31C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AM26C31C, AM26C31I, AM26C31M
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS103G – DECEMBER 1990 – REVISED SEPTEMBER 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
G
G
13
14
11
10
5
6
3
2
15
9
7
1
12
4
≥ 1
EN
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
The terminal numbers shown are for the D, DB, J, N, and W packages.
logic diagram (positive logic)
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
13
14
11
10
5
6
3
2
4A
3A
2A
1A
G
G
15
9
7
1
12
4
schematics of inputs and outputs
Input
VCC
TYPICAL OF ALL OUTPUTS
Output
VCC
GND
GND
EQUIVALENT OF EACH INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com