Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3728 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3728
Description  Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3728 Datasheet HTML 17Page - Linear Technology LTC3728 Datasheet HTML 18Page - Linear Technology LTC3728 Datasheet HTML 19Page - Linear Technology LTC3728 Datasheet HTML 20Page - Linear Technology LTC3728 Datasheet HTML 21Page - Linear Technology LTC3728 Datasheet HTML 22Page - Linear Technology LTC3728 Datasheet HTML 23Page - Linear Technology LTC3728 Datasheet HTML 24Page - Linear Technology LTC3728 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC3728
3728fb
The phase detector used is an edge sensitive digital type
which provides zero degrees phase shift between the
external and internal oscillators. This type of phase detec-
tor will not lock up on input frequencies close to the
harmonics of the VCO center frequency. The PLL hold-in
range,
∆fH, is equal to the capture range, ∆fC:
∆fH = ∆fC = ±0.5 fO (250kHz-550kHz)
The output of the phase detector is a complementary pair
of current sources charging or discharging the external
filter network on the PLLFLTR pin.
If the external frequency (fPLLIN) is greater than the oscil-
lator frequency f0SC, current is sourced continuously,
pulling up the PLLFLTR pin. When the external frequency
is less than f0SC, current is sunk continuously, pulling
down the PLLFLTR pin. If the external and internal fre-
quencies are the same but exhibit a phase difference, the
current sources turn on for an amount of time correspond-
ing to the phase difference. Thus the voltage on the
PLLFLTR pin is adjusted until the phase and frequency of
the external and internal oscillators are identical. At this
stable operating point the phase comparator output is
open and the filter capacitor CLP holds the voltage. The
LTC3728 PLLIN pin must be driven from a low impedance
source such as a logic gate located close to the pin. When
using multiple LTC3728’s (or LTC3729’s, as shown in
Figure 14) for a phase-locked system, the PLLFLTR pin of
the master oscillator should be biased at a voltage that will
guarantee the slave oscillator(s) ability to lock onto the
master’s frequency. A DC voltage of 0.7V to 1.7V applied
to the master oscillator’s PLLFLTR pin is recommended in
order to meet this requirement. The resultant operating
frequency can range from 300kHz to 470kHz.
The loop filter components (CLP, RLP) smooth out the
current pulses from the phase detector and provide a
stable input to the voltage controlled oscillator. The filter
components CLP and RLP determine how fast the loop
acquires lock. Typically RLP =10kΩ and CLP is 0.01µF to
0.1
µF.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the LTC3728 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty cycle
applications may approach this minimum on-time limit
and care should be taken to ensure that
t
V
Vf
ON MIN
OUT
IN
()
()
<
If the duty cycle falls below what can be accommodated by
the minimum on-time, the LTC3728 will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC3728 is approximately
100ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 150ns.
This is of particular concern in forced continuous applica-
tions with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with
correspondingly larger current and voltage ripple.
FCB Pin Operation
The FCB pin can be used to regulate a secondary winding
or as a logic level input. Continuous operation is forced on
both controllers when the FCB pin drops below 0.8V.
During continuous mode, current flows continuously in
the transformer primary. The secondary winding(s) draw
current only when the bottom, synchronous switch is on.
When primary load currents are low and/or the VIN/VOUT
ratio is low, the synchronous switch may not be on for a
sufficient amount of time to transfer power from the
output capacitor to the secondary load. Forced continuous
operation will support secondary windings providing there
is sufficient synchronous switch duty factor. Thus, the
FCB input pin removes the requirement that power must
be drawn from the inductor primary in order to extract
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com