Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT5050QB10ZS-RV Datasheet(PDF) 8 Page - Kingbright Corporation

Part # AT5050QB10ZS-RV
Description  5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT5050QB10ZS-RV Datasheet(HTML) 8 Page - Kingbright Corporation

Back Button AT5050QB10ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 9Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 10Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SPEC NO: DSAI5832
REV NO: V.1
DATE: SEP/22/2008
PAGE: 8 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.F.Lu
ERP: 1212000025
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated
LED products. Failure to comply might leads to damage and premature failure of the LED.
1. Handle the component along the side surfaces by using forceps or appropriate tools.
2. Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
3. Do not stack together assembled PCBs containing exposed LEDs. Impact may scratch the silicone lens or
damage the internal circuitry.
4. The outer diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent air leaks. The inner diameter
of the nozzle should be as large as possible.
5. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface during pickup.
6. The dimensions of the component must be accurately programmed in the pick-and-place machine to insure precise pickup
and avoid damage during production.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com