Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3803-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3803-3
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC3803-3 Datasheet HTML 1Page - Linear Technology LTC3803-3 Datasheet HTML 2Page - Linear Technology LTC3803-3 Datasheet HTML 3Page - Linear Technology LTC3803-3 Datasheet HTML 4Page - Linear Technology LTC3803-3 Datasheet HTML 5Page - Linear Technology LTC3803-3 Datasheet HTML 6Page - Linear Technology LTC3803-3 Datasheet HTML 7Page - Linear Technology LTC3803-3 Datasheet HTML 8Page - Linear Technology LTC3803-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3803-3
38033fa
ORDER PART NUMBER
(Note 1)
VCC to GND
Low Impedance Source .......................... – 0.3V to 8V
Current Fed ...................................... 25mA into VCC*
NGATE Voltage ......................................... – 0.3V to VCC
VFB, ITH/RUN Voltages ..............................–0.3V to 3.5V
SENSE Voltage ........................................... – 0.3V to 1V
NGATE Peak Output Current (<10
μs)........................ 1A
Operating Temperature Range (Note 2)
LTC3803E-3 ....................................... – 40
°C to 85°C
LTC3803I-3 ...................................... – 40
°C to 125°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC3803ES6-3
LTC3803IS6-3
TJMAX = 125
°C, θJA = 230°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
S6 PART MARKING
LTCJS
LTCJT
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ITH/RUN 1
GND 2
VFB 3
6 NGATE
5 VCC
4 SENSE
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
*LTC3803-3 internal clamp circuit self regulates VCC voltage to 9.5V.
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
°C. VCC = 8V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTURNON
VCC Turn On Voltage
●
7.6
8.7
9.2
V
VTURNOFF
VCC Turn Off Voltage
LTC3803E-3
●
4.6
5.7
7
V
LTC3803I-3
●
4.4
5.7
7
V
VHYST
VCC Hysteresis (VTURNON – VTURN0FF)
●
13
V
VCLAMP1mA
VCC Shunt Regulator Voltage
ICC = 1mA, VITH/RUN = 0V
●
8.3
9.4
10.3
V
VCLAMP25mA
VCC Shunt Regulator Voltage
ICC = 25mA, VITH/RUN = 0V
●
8.4
9.5
10.5
V
VMARGIN
VCLAMP1mA – VTURNON Margin
●
0.05
0.6
V
ICC
Input DC Supply Current
(Note 4)
Normal Operation
VITH/RUN = 1.3V
240
350
μA
Start-Up
VCC = VTURNON – 100mV
40
90
μA
VITHSHDN
Shutdown Threshold (at ITH/RUN)
VCC = VTURNON – 100mV
LTC3803E-3
●
0.15
0.28
0.45
V
LTC3803I-3
●
0.10
0.28
0.45
V
IITHSTART
Start-Up Current Source
VITH/RUN = 0V
0.2
0.3
0.4
μA
VFB
Regulated Feedback Voltage (Note 5)
0
°C ≤ TA ≤ 85°C
0.788
0.800
0.812
V
LTC3803E-3: –40
°C ≤ TA ≤ 85°C
●
0.780
0.800
0.812
V
LTC3803I-3: –40
°C ≤ TA ≤ 125°C
●
0.780
0.800
0.820
V
VIMAX
Peak Current Sense Voltage
RSL = 0 (Note 6)
LTC3803E-3
●
90
100
115
V
LTC3803I-3
●
85
100
115
V
gm
Error Amplifier Transconductance
ITH/RUN Pin Load = ±5μA (Note 5)
200
333
500
μA/V
ΔVO(LINE)
Output Voltage Line Regulation
VTURNOFF < VCC < VCLAMP (Note 5)
0.05
mV/V
IFB
VFB Input Current
(Note 5)
10
50
nA
fOSC
Oscillator Frequency
VITH/RUN = 1.3V
270
300
330
kHz
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com