Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3810-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3810-5
Description  60V Current Mode Synchronous Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3810-5 Datasheet HTML 1Page - Linear Technology LTC3810-5 Datasheet HTML 2Page - Linear Technology LTC3810-5 Datasheet HTML 3Page - Linear Technology LTC3810-5 Datasheet HTML 4Page - Linear Technology LTC3810-5 Datasheet HTML 5Page - Linear Technology LTC3810-5 Datasheet HTML 6Page - Linear Technology LTC3810-5 Datasheet HTML 7Page - Linear Technology LTC3810-5 Datasheet HTML 8Page - Linear Technology LTC3810-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3810-5
2
38105fc
Supply Voltages
INTVCC, DRVCC....................................... –0.3V to 14V
(DRVCC – BGRTN), (BOOST – SW) ........ –0.3V to 14V
BOOST (Continuous) ............................. –0.3V to 85V
BOOST (≤400ms) .................................. –0.3V to 95V
BGRTN........................................................ –5V to 0V
EXTVCC .................................................. –0.3V to 15V
(EXTVCC – INTVCC).................................. –12V to 12V
(NDRV – INTVCC) Voltage........................... –0.3V to 10V
SW, SENSE+ Voltage (Continuous)................ –1V to 70V
SW, SENSE+ Voltage (400ms)....................... –1V to 80V
ION Voltage (Continuous) ........................... –0.3V to 70V
ION Voltage (400ms) .................................. –0.3V to 80V
SS/TRACK Voltage ....................................... –0.3V to 5V
PGOOD Voltage............................................ –0.3V to 7V
VRNG, VON, MODE/SYNC, SHDN,
UVIN Voltages............................................ –0.3V to 14V
PLL/LPF, FB Voltages................................. –0.3V to 2.7V
TG, BG, INTVCC, EXTVCC RMS Currents .................50mA
Operating Temperature Range (Note 2)
LTC3810E-5 ......................................... –40°C to 85°C
LTC3810I-5 ........................................ –40°C to 125°C
Junction Temperature (Notes 3, 7)........................ 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
32
33
31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
NC
VON
VRNG
PGOOD
MODE/SYNC
ITH
VFB
PLL/LPF
SENSE+
NC
NC
NC
SENSE–
BGRTN
BG
DRVCC
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3810EUH-5#PBF
LTC3810EUH-5#TRPBF
38105
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3810IUH-5#PBF
LTC3810IUH-5#TRPBF
38105
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3810EUH-5
LTC3810EUH-5#TR
38105
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3810IUH-5
LTC3810IUH-5#TR
38105
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com