Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2000 Datasheet HTML 1Page - Texas Instruments BQ2000 Datasheet HTML 2Page - Texas Instruments BQ2000 Datasheet HTML 3Page - Texas Instruments BQ2000 Datasheet HTML 4Page - Texas Instruments BQ2000 Datasheet HTML 5Page - Texas Instruments BQ2000 Datasheet HTML 6Page - Texas Instruments BQ2000 Datasheet HTML 7Page - Texas Instruments BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pin Descriptions
SNS
Current-sense input
Enables the bq2000 to sense the battery cur-
rent via the voltage developed on this pin by
an external sense-resistor connected in se-
ries with the battery pack
VSS
System Ground
LED
Charge-status output
Open-drain output that indicates the charg-
ing status by turning on, turning off, or
flashing an external LED
BAT
Battery-voltage input
Battery-voltage sense input. A simple resistive
divider, across the battery terminals, generates
this input.
TS
Temperature-sense input
Input for an external battery-temperature
monitoring circuit. An external resistive di-
vider network with a negative tempera-
ture-coefficient thermistor sets the lower
and upper temperature thresholds.
RC
Timer-program input
RC input used to program the maximum
charge-time, hold-off period, and trickle
rate during the charge cycle, and to disable
or enable top-off charge
VCC
Supply-voltage input
MOD
Modulation-control output
Push-pull output that controls the charging
current to the battery. MOD switches high
to enable charging current to flow and low to
inhibit charging- current flow.
Functional Description
The bq2000 is a versatile, multi-chemistry battery-
charge control device. See Figure 1 for a functional block
diagram and Figure 2 for a state diagram.
bq2000
bq2000BD.eps
Voltage
Reference
Internal
OSC
Clock
Phase
Generator
ADC
OSC
SNS
TS
MOD
RC
BAT
LED
VCC VSS
Timer
PVD
ALU
Voltage
Comparator
Voltage
Comparator
Charge
Control
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com