Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3813 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3813 Datasheet HTML 9Page - Linear Technology LTC3813 Datasheet HTML 10Page - Linear Technology LTC3813 Datasheet HTML 11Page - Linear Technology LTC3813 Datasheet HTML 12Page - Linear Technology LTC3813 Datasheet HTML 13Page - Linear Technology LTC3813 Datasheet HTML 14Page - Linear Technology LTC3813 Datasheet HTML 15Page - Linear Technology LTC3813 Datasheet HTML 16Page - Linear Technology LTC3813 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC3813
13
3813fb
The basic LTC3813 application circuit is shown on the first
page of this data sheet. External component selection is
primarily determined by the maximum input voltage and
load current and begins with the selection of the sense
resistance and power MOSFET switches. The LTC3813
uses either a sense resistor or the on-resistance of the
synchronous power MOSFET for determining the induc-
tor current. The desired amount of ripple current and
operating frequency largely determines the inductor
value. Next, COUT is selected for its ability to handle the
large RMS current and with low enough ESR to meet the
output voltage ripple and transient specification. Finally,
loop compensation components are selected to meet the
required transient/phase margin specifications.
Duty Cycle Considerations
For a boost converter, the duty cycle of the main switch is:
D
= 1
VIN
VOUT
;DMAX = 1
VIN(MIN)
VOUT
The maximum VOUT capability of the LTC3813 is inversely
proportional to the minimum desired operating frequency
and minimum off-time:
VOUT(MAX) =
VIN(MIN)
f MIN•tOFF(MIN)
100V
Maximum Sense Voltage and the VRNG Pin
The control circuit in the LTC3813 measures the input
current by using the RDS(ON) of the bottom MOSFET or
by using a sense resistor in the bottom MOSFET source,
so the output current needs to be reflected back to the
input in order to dimension the power MOSFET properly
and to choose the maximum sense voltage. Based on the
fact that, ideally, the output power is equal to the input
power, the maximum average input current and average
inductor current is:
IIN(MAX) =IL,AVG(MAX) =
IO(MAX)
1 DMAX
The current mode control loop will not allow the induc-
tor peak to exceed VSENSE(MAX)/RSENSE. In practice, one
should allow some margin for variations in the LTC3813
and external component values, and a good guide for
selecting the maximum sense voltage when VDS sensing
is used is:
VSENSE(MAX) =
1.7 • RDS(ON) •IO(MAX)
1 DMAX
VSENSE is set by the voltage applied to the VRNG pin. Once
VSENSE is chosen, the required VRNG voltage is calculated
to be:
VRNG = 5.78 • (VSENSE(MAX) + 0.026)
An external resistive divider from INTVCC can be used
to set the voltage of the VRNG pin between 0.5V and 2V
resulting in nominal sense voltages of 60mV to 320mV.
Additionally, the VRNG pin can be tied to SGND or INTVCC
in which case the nominal sense voltage defaults to 95mV
or 215mV, respectively.
Connecting the SENSE+ and SENSE– Pins
The LTC3813 can be used with or without a sense resis-
tor. When using a sense resistor, place it between the
source of the bottom MOSFET, M2, and PGND. Connect
the SENSE+ and SENSE– pins to the top and bottom of
the sense resistor. Using a sense resistor provides a well
defined current limit, but adds cost and reduces efficiency.
Alternatively, one can eliminate the sense resistor and use
the bottom MOSFET as the current sense element by simply
connecting the SENSE+ pin to the lower MOSFET drain
and SENSE– pin to the MOSFET source. This improves
efficiency, but one must carefully choose the MOSFET
on-resistance, as discussed in the following section.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com