Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3814-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3814-5
Description  60V Current Mode Synchronous Step-Up Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3814-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3814-5 Datasheet HTML 1Page - Linear Technology LTC3814-5 Datasheet HTML 2Page - Linear Technology LTC3814-5 Datasheet HTML 3Page - Linear Technology LTC3814-5 Datasheet HTML 4Page - Linear Technology LTC3814-5 Datasheet HTML 5Page - Linear Technology LTC3814-5 Datasheet HTML 6Page - Linear Technology LTC3814-5 Datasheet HTML 7Page - Linear Technology LTC3814-5 Datasheet HTML 8Page - Linear Technology LTC3814-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3814-5
2
38145fb
Supply Voltages
INTVCC ................................................... –0.3V to 14V
(INTVCC – PGND), (BOOST – SW) ......... –0.3V to 14V
BOOST (Continuous) ............................. –0.3V to 85V
BOOST (≤400ms) .................................. –0.3V to 95V
EXTVCC .................................................. –0.3V to 15V
(EXTVCC – INTVCC).................................. –12V to 12V
(NDRV – INTVCC) Voltage........................... –0.3V to 10V
SW Voltage (Continuous).............................. –1V to 70V
SW Voltage (400ms)..................................... –1V to 80V
IOFF Voltage (Continuous) .......................... –0.3V to 70V
IOFF Voltage (400ms) ................................. –0.3V to 80V
RUN/SS Voltage ........................................... –0.3V to 5V
PGOOD Voltage............................................ –0.3V to 7V
VRNG, VOFF Voltages................................... –0.3V to 14V
FB Voltage................................................. –0.3V to 2.7V
TG, BG, INTVCC, EXTVCC RMS Currents .................50mA
Operating Temperature Range (Note 2)
LTC3814E-5 ......................................... –40°C to 85°C
LTC3814I-5 ........................................ –40°C to 125°C
Junction Temperature (Notes 3, 7)........................ 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
IOFF
VOFF
VRNG
PGOOD
ITH
VFB
RUN/SS
SGND
BOOST
TG
SW
PGND
BG
INTVCC
EXTVCC
NDRV
17
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3814EFE-5#PBF
LTC3814EFE-5#TRPBF
3814EFE-5
16-Lead Plastic TSSOP
–40°C to 85°C
LTC3814IFE-5#PBF
LTC3814IFE-5#TRPBF
3814IFE-5
16-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com