Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3813EG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3813EG
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813EG Datasheet(HTML) 2 Page - Linear Technology

  LTC3813EG Datasheet HTML 1Page - Linear Technology LTC3813EG Datasheet HTML 2Page - Linear Technology LTC3813EG Datasheet HTML 3Page - Linear Technology LTC3813EG Datasheet HTML 4Page - Linear Technology LTC3813EG Datasheet HTML 5Page - Linear Technology LTC3813EG Datasheet HTML 6Page - Linear Technology LTC3813EG Datasheet HTML 7Page - Linear Technology LTC3813EG Datasheet HTML 8Page - Linear Technology LTC3813EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3813
2
3813fb
Supply Voltages
INTVCC, DRVCC....................................... –0.3V to 14V
(DRVCC - BGRTN), (BOOST - SW).......... –0.3V to 14V
BOOST ................................................. –0.3V to 114V
BGRTN........................................................ –5V to 0V
EXTVCC .................................................. –0.3V to 15V
(NDRV - INTVCC) Voltage ........................... –0.3V to 10V
SW, SENSE+ Voltage ................................... –1V to 100V
IOFF Voltage .............................................. –0.3V to 100V
SS Voltage ................................................... –0.3V to 5V
PGOOD Voltage............................................ –0.3V to 7V
VRNG, VOFF, SYNC, SHDN,
UVIN Voltages........................................ –0.3V to 14V
PLL/LPF, FB Voltages................................. –0.3V to 2.7V
TG, BG, INTVCC, EXTVCC RMS Currents .................50mA
Operating Temperature Range (Note 2)
LTC3813E............................................. –40°C to 85°C
LTC3813I............................................ –40°C to 125°C
Junction Temperature (Notes 3, 7)........................ 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The
l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, INTVCC = DRVCC = VBOOST = VOFF = VRNG = SHDN = UVIN = VEXTVCC =
VNDRV = 10V, VSYNC = VSENSE+ = VSENSE– = VBGRTN = VSW = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
INTVCC
INTVCC Supply Voltage
l
6.35
14
V
IQ
INTVCC Supply Current
INTVCC Shutdown Current
SHDN > 1.5V, INTVCC = 9.5V (Notes 4, 5)
SHDN = 0V
3
240
6
600
mA
μA
IBOOST
BOOST Supply Current
SHDN > 1.5V (Note 5)
SHDN = 0V
270
0
400
5
μA
μA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
IOFF
NC
NC
VOFF
VRNG
PGOOD
SYNC
ITH
VFB
PLL/LPF
SS
SGND
SHDN
UVIN
BOOST
TG
SW
SENSE+
NC
NC
NC
SENSE–
BGRTN
BG
DRVCC
INTVCC
EXTVCC
NDRV
TJMAX = 125°C, θJA = 100°C/W
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3813EG#PBF
LTC3813EG#TRPBF
LTC3813EG
28-Lead Plastic SSOP
–40°C to 85°C
LTC3813IG#PBF
LTC3813IG#TRPBF
LTC3813IG
28-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com