Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5545DEV Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # LV5545DEV
Description  LVDS Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV5545DEV Datasheet(HTML) 3 Page - Pletronics, Inc.

  LV5545DEV Datasheet HTML 1Page - Pletronics, Inc. LV5545DEV Datasheet HTML 2Page - Pletronics, Inc. LV5545DEV Datasheet HTML 3Page - Pletronics, Inc. LV5545DEV Datasheet HTML 4Page - Pletronics, Inc. LV5545DEV Datasheet HTML 5Page - Pletronics, Inc. LV5545DEV Datasheet HTML 6Page - Pletronics, Inc. LV5545DEV Datasheet HTML 7Page - Pletronics, Inc. LV5545DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LV55D Series 3.3 V
LVDS Clock Oscillators
September 2007
www.pletronics.com
425-776-1880
3
Electrical Specification for 3.30V +
_10% over the specified temperature range and
the frequency range of 80 to 250 MHz
Item
Min
Max
Unit
Condition
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
“44"-25
+25
“20"-20
+20
Output Waveform
LVDS
Output High Level
--
1.60
Volts
-
See load circuit
R1 = 50 ohms
Output Low Level
0.90
--
Volts
-
Differential Output (V
OD)
250
450
mVolts
-
Output Offset Voltage (V
OS)
1.125
1.375
Volts
> 80 MHz
1.125
1.500
Volts
< 80 MHz
Differential Output Error (dV
OS)--
50
mVolts
-
Output Symmetry
45
55
%
Referenced to 50% of amplitude or crossing point
Output T
RISE and TFALL
300
700
pS
> 80 MHz
Vth is 20% and 80% of waveform
400
900
pS
< 80 MHz
Jitter
-
0.6
pS RMS
Measured from 12KHz to 20MHz from Fnominal
-
2.8
Measured from 10Hz to 1MHz from Fnominal
Vcc Supply Current
-
66
mA
> 80 MHz
Includes current of properly
terminated device
-
45
mA
< 80 MHz
Enable/Disable Internal Pull-up
50
-
Kohm
To Vcc (equivalent resistance)
V disable
-
0.8
Volts
Referenced to Ground
V enable
2.0
-
Volts
Referenced to Ground
Output leakage
V
OUT = VCC
-10
+10
uA
Pad 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Enable
-
10
nS
Time for output to reach a logic state
Disable time
-
10
nS
Time for output to reach a high Z state
Start up time
-
5
mS
> 80 MHz
Measured from the time
Vcc = 3.0V
-
3
mS
< 80 MHz
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
-40
+85
oC
Extended Temperature Range
“E” Option
Storage Temperature Range
-55
+125
oC
Standby Current I
CC
-3
uA
> 80 MHz
Pad 1 low, device disabled
-
1.5
mA
< 80 MHz
Specifications with Pad 1 E/D open circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com