Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26S10 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26S10
Description  QUADRUPLE BUS TRANSCEIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26S10 Datasheet(HTML) 1 Page - Texas Instruments

  AM26S10 Datasheet HTML 1Page - Texas Instruments AM26S10 Datasheet HTML 2Page - Texas Instruments AM26S10 Datasheet HTML 3Page - Texas Instruments AM26S10 Datasheet HTML 4Page - Texas Instruments AM26S10 Datasheet HTML 5Page - Texas Instruments AM26S10 Datasheet HTML 6Page - Texas Instruments AM26S10 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AM26S10C
QUADRUPLE BUS TRANSCEIVERS
SLLS116C – JANUARY 1977 – REVISED MARCH 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Schottky Circuitry for High Speed, Typical
Propagation Delay Time . . . 12 ns
D Drivers Feature Open-Collector Outputs for
Party-Line (Data Bus) Operation
D Driver Outputs Can Sink 100 mA at 0.8 V
Maximum
D pnp Inputs for Minimal Input Loading
D Designed to Be Interchangeable With
Advanced Micro Devices AM26S10
description
The AM26S10C is a quadruple bus transceiver utilizing Schottky-diode-clamped transistors for high speed. The
drivers feature open-collector outputs capable of sinking 100 mA at 0.8 V maximum. The driver and strobe
inputs use pnp transistors to reduce the input loading.
The driver of the AM26S10C is inverting and has two ground connections for improved ground current-handling
capability. For proper operation, the ground pins should be tied together.
The AM26S10C is characterized for operation over the temperature range of 0
°C to 70°C.
Function Tables
AM26S10C
(transmitting)
INPUTS
OUTPUTS
S
D
B
R
L
H
L
H
L
L
H
L
AM26S10C
(receiving)
INPUTS
OUTPUT
S
B
D
R
H
H
X
L
H
L
X
H
H = high level, L = low level, X = irrelevant
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1B
1R
1D
2D
2R
2B
GND
VCC
4B
4R
4D
S
3D
3R
3B
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - AM26S10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26S10 TI2-AM26S10 Datasheet
373Kb / 14P
QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C Datasheet
540Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
AM26S10CD TI-AM26S10CD Datasheet
540Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
AM26S10CD TI2-AM26S10CD Datasheet
373Kb / 14P
QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10CD.A TI2-AM26S10CD.A Datasheet
373Kb / 14P
QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
More results

Similar Description - AM26S10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com