Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2002
Description  NiCd/NiMH Fast-Charge Management ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2002 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2002 Datasheet HTML 1Page - Texas Instruments BQ2002 Datasheet HTML 2Page - Texas Instruments BQ2002 Datasheet HTML 3Page - Texas Instruments BQ2002 Datasheet HTML 4Page - Texas Instruments BQ2002 Datasheet HTML 5Page - Texas Instruments BQ2002 Datasheet HTML 6Page - Texas Instruments BQ2002 Datasheet HTML 7Page - Texas Instruments BQ2002 Datasheet HTML 8Page - Texas Instruments BQ2002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Starting A Charge Cycle
Either of two events starts a charge cycle (see Figure 4):
1. Application of power to VCC or
2. Voltage at the BAT pin falling through the maximum
cell voltage VMCV where
VMCV = 2V
±5%.
If the battery is within the configured temperature and
voltage limits, the IC begins fast charge. The valid bat-
tery voltage range is VBAT <VMCV. The valid tempera-
ture range is VTS >VTCO where
VTCO = 0.5
∗ VCC ±5%.
If the battery voltage or temperature is outside of these
limits, the IC pulse-trickle charges until the next new
charge cycle begins.
Fast charge continues until termination by one or more of
the five possible termination conditions:
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
4
bq2002/F
Corresponding
Fast-Charge
Rate
TM
Termination
Typical Fast-Charge
and Top-Off
Time Limits
(minutes)
Typical PVD
and -
∆V Hold-Off
Time (seconds)
Top-Off
Rate
Pulse-
Trickle
Rate
Pulse-
Trickle
Period
(ms)
bq2002
bq2002F
C/2
Mid
PVD
160
160
600
C/32
C/64
9.15
1C
Low
PVD
80
100
300
C/16
C/64
18.3
2C
High
-
∆V
40
40
150
Disabled
C/32
18.3
Notes:
Typical conditions = 25°C, VCC = 5.0V.
Mid = 0.5 * VCC ±5V
Tolerance on all timing is
±20%.
Table 1. Fast-Charge Safety Time/Hold-Off Table
TD2002F1.eps
Fast Charging
VCC = 0
Fast Charging
CC Output
LED
s
s
Charge initiated by application of power
Charge initiated by battery replacement
Pulse-Trickle
Top-Off
(optional)
286
See
Table 1
s
286
4576
Figure 4. Charge Cycle Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com