Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3826-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3826-1
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3826-1 Datasheet HTML 1Page - Linear Technology LTC3826-1 Datasheet HTML 2Page - Linear Technology LTC3826-1 Datasheet HTML 3Page - Linear Technology LTC3826-1 Datasheet HTML 4Page - Linear Technology LTC3826-1 Datasheet HTML 5Page - Linear Technology LTC3826-1 Datasheet HTML 6Page - Linear Technology LTC3826-1 Datasheet HTML 7Page - Linear Technology LTC3826-1 Datasheet HTML 8Page - Linear Technology LTC3826-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3826-1
2
38261fb
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE 28-LEAD PLASTIC SSOP
TJMAX = 125°C, JA = 95°C/W
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
VFB1
SENSE1+
SENSE1–
PLLLPF
PLLIN/MODE
SGND
RUN1
RUN2
SENSE2–
SENSE2+
VFB2
ITH2
TRACK/SS2
TRACK/SS1
PGOOD1
TG1
SW1
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN/SS1, 2 = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VFB1, 2
Regulated Feedback Voltage
(Note 4) ITH1, 2 Voltage = 1.2V
l
0.792
0.800
0.808
V
IVFB1, 2
Feedback Current
(Note 4)
–5
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4V to 30V (Note 4)
0.002
0.02
%/V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3826EG-1#PBF
LTC3826EG-1#TRPBF
LTC3826EG-1
28-Lead Plastic SSOP
–40°C to 85°C
LTC3826IG-1#PBF
LTC3826IG-1#TRPBF
LTC3826IG-1
28-Lead Plastic SSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3826EG-1
LTC3826EG-1#TR
LTC3826EG-1
28-Lead Plastic SSOP
–40°C to 85°C
LTC3826IG-1
LTC3826IG-1#TR
LTC3826IG-1
28-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Supply Voltage (VIN)......................... 36V to –0.3V
Topside Driver Voltages
BOOST1, BOOST2.................................. 42V to –0.3V
Switch Voltage (SW1, SW2) ......................... 36V to –5V
(BOOST1-SW1), (BOOST2-SW2) ............. 8.5V to –0.3V
RUN1, RUN2............................................... 7V to –0.3V
SENSE1+, SENSE2+, SENSE1–,
SENSE2– Voltages ..................................... 11V to –0.3V
PLLIN/MODE, PLLLPF, TRACK/SS1, TRACK/SS2
Voltages ........................................... INTVCC to –0.3V
EXTVCC ...................................................... 10V to –0.3V
ITH1, ITH2, VFB1, VFB2 Voltages ................. 2.7V to –0.3V
PGOOD1 Voltage....................................... 8.5V to –0.3V
Peak Output Current <10μs (TG1, TG2, BG1, BG2).....3A
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com