Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT2016 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KT2016
Description  2.0횞1.6mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KT2016 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KT2016 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Ultra-miniature SMD type
(5.0×3.2×1.5mm)
• Reflow compatible
• AFC function available
• 2.3 to 5.5V drive available
• Frequency stability
: ±2.0×10-6/ -30 to +85°C
Applications
• PDC, GSM, CDMA
How to Order
KT5032N 26000 D C W 28 T xx
①
② ③ ④ ⑤ ⑥ ⑦ ⑧
① Series
② Output Frequency
③ Frequency Tolerance
B
±1.0×10-6
C
±1.5×10-6
D
±2.0×10-6
④ Lower Operating Temp.
C
-30°C
E
-20°C
G
-10°C
⑤ Upper Operating Temp.
W
+85°C
V
+80°C
U
+75°C
⑥ Supply Voltage
28 2.8V 30 3.0V
⑦ Voltage Control Range
TCXO
T
VCTCXO Customer Spec.
⑧ Option Code
Pb Free
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
Standard Frequency: 13, 19.2, 26, 38.4
13
40
MHz
Frequency Tolerance
f_tol
vs Temperature
-2
+2
×10-6
vs Load
-0.2
+0.2
vs Voltage
-0.3
+0.3
Frequency Aging
f_age
Per Year
-1
+1
×10-6
Storage Temperature Range
T_stg
-40
+85
°C
Operating Temperature Range
T_use
-30
+85
°C
Voltage Control Range
f_cont
Positive
±8
±15
×10-6
Supply Voltage
VCC
2.3
5.5
V
Output Level
Vpp
10k ohm / / 10pF
0.8
—
Vp-p
Current Consumption
ICC
—
2
mA
Harmonics
—
—
-5
dBc
Dimensions
(Unit: mm)
KT5032N
Pin Configuration
#1pin
Vcon
#2pin
GND
#3pin
OUTPUT
#4pin
VCC
3.81
2.95
0.925
0.925
#1
#4
#3
#2
5.0 0.15
Marking Area
Marking Area
Recommended Land Pattern
(Unit: mm)
5.0
×3.2mm
Temperature Compensated Crystal Oscillators (TCXO)
Surface Mount Type TCXO (LSI Type) KT5032 Series


Similar Part No. - KT2016

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT2016 KSS-KT2016 Datasheet
68Kb / 1P
Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
Temperature Compensated Crystal Oscillators
More results

Similar Description - KT2016

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com