Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV7745DEV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # LV7745DEV
Description  LVDS Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7745DEV Datasheet(HTML) 4 Page - Pletronics, Inc.

  LV7745DEV Datasheet HTML 1Page - Pletronics, Inc. LV7745DEV Datasheet HTML 2Page - Pletronics, Inc. LV7745DEV Datasheet HTML 3Page - Pletronics, Inc. LV7745DEV Datasheet HTML 4Page - Pletronics, Inc. LV7745DEV Datasheet HTML 5Page - Pletronics, Inc. LV7745DEV Datasheet HTML 6Page - Pletronics, Inc. LV7745DEV Datasheet HTML 7Page - Pletronics, Inc. LV7745DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LV77D Series 3.3 V
LVDS Clock Oscillators
April 2007
www.pletronics.com
425-776-1880
4
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
Showing Out Measurement only
Trise
Symmetry
20%
Vlow
50%
80%
Vhigh
Tfall
Out*
Out
Typical Phase-Noise Response
Load Circuit
Test Waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com