Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3831-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3831-1
Description  High Power Synchronous Switching Regulator Controller for DDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3831-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3831-1 Datasheet HTML 1Page - Linear Technology LTC3831-1 Datasheet HTML 2Page - Linear Technology LTC3831-1 Datasheet HTML 3Page - Linear Technology LTC3831-1 Datasheet HTML 4Page - Linear Technology LTC3831-1 Datasheet HTML 5Page - Linear Technology LTC3831-1 Datasheet HTML 6Page - Linear Technology LTC3831-1 Datasheet HTML 7Page - Linear Technology LTC3831-1 Datasheet HTML 8Page - Linear Technology LTC3831-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3831-1
38311f
(Note 1)
Supply Voltage
VCC ....................................................................... 9V
PVCC1,2 ................................................................ 14V
Input Voltage
IFB, IMAX ............................................... – 0.3V to 14V
R+, R–, FB, SHDN, FREQSET ..... – 0.3V to VCC + 0.3V
Junction Temperature (Note 9) ............................. 125
°C
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC3831EGN-1
TJMAX = 125°C, θJA = 130°C/ W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
358
V
PVCC
PVCC1, PVCC2 Voltage
(Note 7)
q
3
13.2
V
VUVLO
Undervoltage Lockout Voltage
2.4
2.9
V
VFB
Feedback Voltage
VR+ = 1.5V, VR– = 0V, VCOMP = 1.25V
q
0.738
0.75
0.762
V
∆VOUT
Output Load Regulation
IOUT = 0A to 10A (Note 6)
2
mV
Output Line Regulation
VCC = 4.75V to 5.25V
0.1
mV
IVCC
Supply Current
Figure 1, VSHDN = VCC
q
0.7
1.6
mA
VSHDN = 0V
q
110
µA
IPVCC
PVCC Supply Current
Figure 1, VSHDN = VCC (Note 3)
q
20
30
mA
VSHDN = 0V
q
0.1
10
µA
∆fOSC
Internal Oscillator Frequency
FREQSET Floating
q
230
300
360
kHz
VSAWL
VCOMP at Minimum Duty Cycle
1.2
V
VSAWH
VCOMP at Maximum Duty Cycle
2.2
V
VCOMPMAX
Maximum VCOMP
VFB = 0V, PVCC1 = 7V
2.85
V
∆fOSC/∆IFREQSET Frequency Adjustment
10
kHz/
µA
AV
Error Amplifier Open-Loop DC Gain
q
50
65
dB
gm
Error Amplifier Transconductance
q
1600
2000
2400
µmho
ICOMP
Error Amplifier Output Sink/Source Current
100
µA
IMAX
IMAX Sink Current
VIMAX = VCC
912
15
µA
(Note 10)
q
412
20
µA
IMAX Sink Current Tempco
VIMAX = VCC (Notes 6, 10)
3300
ppm/
°C
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC, PVCC1, PVCC2 = 5V, VR+ = 1.5V, VR– = GND, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
TG
PVCC1
PGND
GND
R–
FB
R+
SHDN
BG
PVCC2
VCC
IFB
IMAX
FREQSET
COMP
SS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PART MARKING
38311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com