Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3834-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3834-1
Description  30關A IQ Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3834-1 Datasheet HTML 1Page - Linear Technology LTC3834-1 Datasheet HTML 2Page - Linear Technology LTC3834-1 Datasheet HTML 3Page - Linear Technology LTC3834-1 Datasheet HTML 4Page - Linear Technology LTC3834-1 Datasheet HTML 5Page - Linear Technology LTC3834-1 Datasheet HTML 6Page - Linear Technology LTC3834-1 Datasheet HTML 7Page - Linear Technology LTC3834-1 Datasheet HTML 8Page - Linear Technology LTC3834-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3834-1
38341f
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3834EDHC-1#PBF
LTC3834EDHC-1#TRPBF
38341
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C (Note 2)
LTC3834IDHC-1#PBF
LTC3834IDHC-1#TRPBF
38341
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC3834EGN-1#PBF
LTC3834EGN-1#TRPBF
38341
16-Lead Plastic SSOP
–40°C to 85°C (Note 2)
LTC3834IGN-1#PBF
LTC3834IGN-1#TRPBF
38341
16-Lead Plastic SSOP
–40°C to 85°C
Input Supply Voltage (VIN).........................36V to –0.3V
Top Side Driver Voltage (BOOST) ..............42V to – 0.3V
Switch Voltage (SW) ....................................36V to – 5V
INTVCC, (BOOST-SW).................................8.5V to –0.3V
RUN, TRACK/SS ......................................... 7V to – 0.3V
SENSE+, SENSE– Voltages .........................11V to – 0.3V
PLLIN/MODE, PLLLPF ......................... INTVCC to –0.3V
ITH, VFB Voltages .......................................2.7V to –0.3V
ABSOLUTE
AXI U
RATI GS
(Note 1)
Peak Output Current <10μs (TG, BG) ......................... 3A
INTVCC Peak Output Current ................................ 50mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature
(GN Package, Soldering, 10 sec) ...................... 300°C
TJMAX = 125°C, θJA = 43.5°C/W
EXPOSED PAD (PIN 17) IS SGND
MUST BE SOLDERED TO PCB
TJMAX = 150°C, θJA = 90°C/W
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
PLLLPF
ITH
TRACK/SS
VFB
SGND
PGND
BG
INTVCC
PLLIN/MODE
SENSE+
SENSE–
RUN
BOOST
TG
SW
VIN
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
PLLIN/MODE
SENSE+
SENSE–
RUN
BOOST
TG
SW
VIN
PLLLPF
ITH
TRACK/SS
VFB
SGND
PGND
BG
INTVCC
TOP VIEW
DHC PACKAGE
16-Pin (5mm
× 3mm) PLASTIC DFN
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VFB
Regulated Feedback Voltage
(Note 4); ITH Voltage = 1.2V
●
0.792
0.800
0.808
V
IVFB
Feedback Current
(Note 4)
– 5
– 50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4V to 30V (Note 4)
0.002
0.02
%/V
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PI CO FIGURATIO
ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com