Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3862-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3862-1
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3862-1 Datasheet HTML 1Page - Linear Technology LTC3862-1 Datasheet HTML 2Page - Linear Technology LTC3862-1 Datasheet HTML 3Page - Linear Technology LTC3862-1 Datasheet HTML 4Page - Linear Technology LTC3862-1 Datasheet HTML 5Page - Linear Technology LTC3862-1 Datasheet HTML 6Page - Linear Technology LTC3862-1 Datasheet HTML 7Page - Linear Technology LTC3862-1 Datasheet HTML 8Page - Linear Technology LTC3862-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3862-1
2
38621f
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 40V
INTVCC Voltage .......................................... –0.3V to 11V
INTVCC LDO RMS Output Current .........................50mA
RUN Voltage ................................................ –0.3V to 8V
SYNC Voltage............................................... –0.3V to 6V
SLOPE, PHASEMODE, DMAX,
BLANK Voltage........................................... –0.3V to 3V8
SENSE1+, SENSE1–, SENSE2+,
SENSE2– Voltage ....................................... –0.3V to 3V8
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
DMAX
SLOPE
BLANK
PHASEMODE
FREQ
SS
ITH
FB
SGND
CLKOUT
SYNC
PLLFLTR
3V8
SENSE1+
SENSE1–
RUN
VIN
INTVCC
GATE1
PGND
GATE2
NC
SENSE2–
SENSE2+
25
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
DMAX
SLOPE
BLANK
PHASEMODE
FREQ
SS
ITH
FB
SGND
CLKOUT
SYNC
PLLFLTR
3V8
SENSE1+
SENSE1–
RUN
VIN
INTVCC
GATE1
PGND
GATE2
NC
SENSE2–
SENSE2+
TJMAX = 150°C, θJA = 85°C/W
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UH PACKAGE
24-LEAD (5mm
5mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
BLANK
PHASEMODE
FREQ
SS
ITH
FB
VIN
INTVCC
GATE1
PGND
GATE2
NC
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
SS, PLLFLTR Voltage ................................. –0.3V to 3V8
ITH Voltage ............................................... –0.3V to 2.7V
FB Voltage.................................................. –0.3V to 3V8
FREQ Voltage ............................................ –0.3V to 1.5V
Operating Junction Temperature Range (Notes 3, 4)
LTC3862-1E ......................................... –40°C to 85°C
LTC3862-1I ........................................ –40°C to 125°C
LTC3862-1H....................................... –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
Reflow Peak Body Temperature ........................... 260°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3862EFE-1#PBF
LTC3862EFE-1#TRPBF
LTC3862FE-1
24-Lead Plastic TSSOP
–40°C to 85°C
LTC3862IFE-1#PBF
LTC3862IFE-1#TRPBF
LTC3862FE-1
24-Lead Plastic TSSOP
–40°C to 125°C
LTC3862HFE-1#PBF
LTC3862HFE-1#TRPBF
LTC3862FE-1
24-Lead Plastic TSSOP
–40°C to 150°C
LTC3862EGN-1#PBF
LTC3862EGN-1#TRPBF
LTC3862GN-1
24-Lead Plastic SSOP
–40°C to 85°C
LTC3862IGN-1#PBF
LTC3862IGN-1#TRPBF
LTC3862GN-1
24-Lead Plastic SSOP
–40°C to 125°C
LTC3862HGN-1#PBF
LTC3862HGN-1#TRPBF
LTC3862GN-1
24-Lead Plastic SSOP
–40°C to 150°C
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com