Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4069 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4069 Datasheet HTML 8Page - Linear Technology LTC4069 Datasheet HTML 9Page - Linear Technology LTC4069 Datasheet HTML 10Page - Linear Technology LTC4069 Datasheet HTML 11Page - Linear Technology LTC4069 Datasheet HTML 12Page - Linear Technology LTC4069 Datasheet HTML 13Page - Linear Technology LTC4069 Datasheet HTML 14Page - Linear Technology LTC4069 Datasheet HTML 15Page - Linear Technology LTC4069 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4069
13
4069fb
APPLICATIONS INFORMATION
battery current as shown in Figure 5. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
Power Dissipation
The conditions that cause the LTC4069 to reduce charge
current through thermal feedback can be approximated
by considering the power dissipated in the IC. For high
charge currents, the LTC4069 power dissipation is
approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. It is not necessary to perform any worst-case
power dissipation scenarios because the LTC4069 will
automatically reduce the charge current to maintain the
die temperature at approximately 115°C. However, the
approximate ambient temperature at which the thermal
feedback begins to protect the IC is:
TA = 115°C – PD • θJA
TA = 115°C – (VCC – VBAT) • IBAT • θJA
Example: Consider an LTC4069 operating from a 5V wall
adapter providing 750mA to a 3.6V Li-Ion battery. The
ambient temperature above which the LTC4069 will begin
to reduce the 750mA charge current is approximately:
TA = 115°C – (5V – 3.6V) • (750mA) • 60°C/W
TA = 115°C – (1.05W • 60°C/W) = 115°C – 63°C
TA = 52°C
TheLTC4069canbeusedabove70°C,butthechargecurrent
will be reduced from 750mA. The approximate current at
a given ambient temperature can be calculated:
I
CT
VV
BAT
A
CC
BAT
JA
=
°
()
115
–
–• θ
Using the previous example with an ambient temperature
of 73°C, the charge current will be reduced to
approximately:
I
CC
VV
C W
C
CA
mA
BAT =
°°
()
°
=
°
°
=
115
73
53 6
60
42
84
500
–
–.
•
/
/
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in
the Programming Charge Current section.
It is important to remember that LTC4069 applications do
not need to be designed for worst-case thermal conditions
since the IC will automatically limit power dissipation when
the junction temperature reaches approximately 115°C.
Board Layout Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4069 package is soldered to the PC board
copper and extending out to relatively large copper areas
or internal copper layers connected using vias. Correctly
soldered to a 2500mm2 double-sided 1 oz. copper board
the LTC4069 has a thermal resistance of approximately
60°C/W. Failure to make thermal contact between the
Exposed Pad on the backside of the package and the copper
board will result in thermal resistances far greater than
60°C/W. As an example, a correctly soldered LTC4069 can
deliver over 750mA to a battery from a 5V supply at room
temperature. Without a backside thermal connection, this
number could drop to less than 500mA.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multi-layer
ceramic capacitors. Because of the self-resonant and high
Q characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up
conditions, such as connecting the charger input to a live
power source. For more information, refer to Application
Note 88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com