Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4075 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 4 Page - Linear Technology

  LTC4075 Datasheet HTML 1Page - Linear Technology LTC4075 Datasheet HTML 2Page - Linear Technology LTC4075 Datasheet HTML 3Page - Linear Technology LTC4075 Datasheet HTML 4Page - Linear Technology LTC4075 Datasheet HTML 5Page - Linear Technology LTC4075 Datasheet HTML 6Page - Linear Technology LTC4075 Datasheet HTML 7Page - Linear Technology LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4075/LTC4075X
4
4075Xf
CHARGE CURRENT (mA)
0
800
500 600 700
400
4075X G01
100 200 300
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4075X G04
TEMPERATURE (
°C)
–50
–25
050
25
75
100
4075X G02
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
4.220
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.180
4075X G03
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
1.008
1.006
1.004
1.002
1.000
0.998
0.996
0.994
0.992
VIDC (V)
0
0.2
0.6
1.0
0.8
900
800
700
600
500
400
300
200
100
0
900
800
700
600
500
400
300
200
100
0
4075X G05
0.4
1.2
VIUSB (V)
0
0.2
0.6
1.0
0.8
0.4
1.2
4075X G06
VPWR (V)
0
35
30
25
20
15
10
5
0
35
4075X G07
12
46
7
4075X G08
RIDC = 1.25k
RIDC = RIUSB = 2k
VDCIN = VUSBIN = 5V
VDCIN = VUSBIN = 5V
VDCIN = VUSBIN = 5V
VDCIN = VUSBIN = 5V
VDCIN = 5V
VDCIN = 8V
VDCIN = 4.3V
VUSBIN = 8V
VUSBIN = 4.3V
RIDC = 1.25k
VUSBIN = 5V
RIUSB = 1.25k
RIUSB = 2k
RIUSB = 10k
RIDC = 2k
RIDC = 10k
35
30
25
20
15
10
5
0
TA = –40°C
TA = 25°C
TA = 90°C
TA = –40°C
TA = –40°C
TA = 25°C
TA = 25°C
TA = 90°C
TA = 90°C
VCHRG (V)
03
5
12
46
7
VUSBPWR (V)
0
6
5
4
3
2
1
0
35
4075X G09
12
46
7
VDCIN = 5V
VUSBIN = 0V
IUSB Pin Voltage vs Temperature
(Constant-Current Mode)
Charge Current vs IDC Pin
Voltage
Charge Current vs IUSB Pin
Voltage
⎯P⎯W⎯R Pin I-V Curve
⎯C⎯H⎯R⎯G Pin I-V Curve
USBPWR Pin I-V Curve
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
IDC Pin Voltage vs Temperature
(Constant-Current Mode)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com