Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4078X Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4078X
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078X Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4078X Datasheet HTML 7Page - Linear Technology LTC4078X Datasheet HTML 8Page - Linear Technology LTC4078X Datasheet HTML 9Page - Linear Technology LTC4078X Datasheet HTML 10Page - Linear Technology LTC4078X Datasheet HTML 11Page - Linear Technology LTC4078X Datasheet HTML 12Page - Linear Technology LTC4078X Datasheet HTML 13Page - Linear Technology LTC4078X Datasheet HTML 14Page - Linear Technology LTC4078X Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4078X
11
4078xf
SHUTDOWN MODE
(USBIN)
CHRG STATE: Hi-Z
CHARGE MODE
(DCIN)
FULL CURRENT
CHRG STATE: PULLDOWN
CHARGE MODE
(USBIN)
FULL CURRENT
CHRG STATE: PULLDOWN
STANDBY MODE
(DCIN)
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN MODE
(DCIN)
CHRG STATE: Hi-Z
YES
NO
BAT < 4.075V
BAT < 4.075V
IBAT < ITERMINATE
IN VOLTAGE MODE
IBAT < ITERMINATE
IN VOLTAGE MODE
NO POWER
STANDBY MODE
(USBIN)
NO CHARGE CURRENT
CHRG STATE: Hi-Z
YES
NO
NO
YES
BATDET < 1.75V
BATDET < 1.75V
NO
YES
NO
6V > USBIN > 3.95V
AND USBIN > BAT
YES
DCIN > 4.15V
AND DCIN > BAT
6V > DCIN > 4.15V
AND DCIN > BAT
ENABLE = LOW
ENABLE = HIGH
POWER APPLIED
DCIN POWER REMOVED
USB POWER REMOVED
4078X F01
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise
above a preset value of approximately 120°C. This feature
protects the LTC4078X from excessive temperature and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damag-
OPERATION
Figure 1. LTC4078X State Diagram of a Charge Cycle
ing the device. The charge current can be set according
to typical (not worst-case) ambient temperature with the
assurance that the charger will automatically reduce the
current in worst case conditions. DFN package power
considerations are discussed further in the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com