Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2011K Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2011K
Description  Gas Gauge IC for High Discharge Rates
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011K Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2011K Datasheet HTML 9Page - Texas Instruments BQ2011K Datasheet HTML 10Page - Texas Instruments BQ2011K Datasheet HTML 11Page - Texas Instruments BQ2011K Datasheet HTML 12Page - Texas Instruments BQ2011K Datasheet HTML 13Page - Texas Instruments BQ2011K Datasheet HTML 14Page - Texas Instruments BQ2011K Datasheet HTML 15Page - Texas Instruments BQ2011K Datasheet HTML 16Page - Texas Instruments BQ2011K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
The fast charge regime efficiency factors are used when
CR = 1. When CR = 0, the trickle charge efficiency fac-
tors are used. The time to change CR varies due to the
user-selectable count rates.
The discharge rate flags, DR2–0, are bits 6–4.
They are used to determine the present discharge re-
gime as follows:
The overload flag (OVLD) is asserted when a discharge
overload is detected, VSRO > 60mV. OVLD remains as-
serted as long as the condition is valid.
Output Control Register (OCTL)
The write-only OCTL register (address=0ah) provides the
system with a means to check the display connections for
the bq2011K. The segment drivers may be overwritten by
data from OCTL when the least-significant bit of OCTL,
OCE, is set. The data in bits OC5–1 of the OCTL register
(see Table 5 for details) is output onto the segment pins,
SEG5–1, respectively if OCE=1. Whenever OCE is written
to 1, the MSB of OCTL should be set to a 1. The OCE reg-
ister location must be cleared to return the bq2011K to
normal operation. OCE may be cleared by either writing
the bit to a logic zero via the serial port or by resetting the
bq2011K as explained below. Note: Whenever the OCTL
register is written, the MSB of OCTL should be written to a
logic one.
Reset Register (RST)
The reset register (address=39h) provides the means to
perform a software-controlled reset of the device. A full
device reset may be accomplished by first writing LMD
(address = 05h) to 00h and then writing the RST regis-
ter contents from 00h to 80h. Setting any bit other than
the most-significant bit of the RST register is not al-
lowed, and results in improper operation of the
bq2011K.
Resetting the bq2011K sets the following:
I
LMD = PFC
I
VDQ, OCE, and NAC = 0
(NAC = PFC when PROG4 = L)
I
BRP = 1
Display
The bq2011K can directly display capacity information
using low-power LEDs. If LEDs are used, the segment
pins should be tied to VCC, the battery, or the LCOM pin
through resistors for programming the bq2011K.
The bq2011K displays the battery charge state in abso-
lute mode. In absolute mode, each segment represents a
fixed amount of charge, based on the initial PFC. In ab-
solute mode, each segment represents 20% of the PFC.
As the battery wears out over time, it is possible for the
LMD to be below the initial PFC. In this case, all of the
LEDs may not turn on, representing the reduction in
the actual battery capacity.
The capacity display is also adjusted for the present bat-
tery temperature.
The temperature adjustment reflects
the available capacity at a given temperature but does not
affect the NAC register. The temperature adjustments are
detailed in the TMPGG register description.
When DISP is tied to VCC, the SEG1–5 outputs are inac-
tive. When DISP is left floating, the display becomes ac-
tive during charge if the NAC registers are counting at a
rate equivalent to VSRO < -2mV or fast discharge if the
NAC registers are counting at a rate equivalent to VSRO
> 2mV. When DISP is left floating, the display also be-
comes active after the detection of a discharge signal
with a minimum amplitude of VSR > 20mV (10A for RS =
0.002
Ω) and a minimum pulse width of 25ms. When
DISP is pulled low, the segment outputs become active
for 4s,
±0.5s.
13
bq2011K
FLGS2 Bits
7
6
5
4
3210
-
DR2
DR1
DR0
-
-
-
DR2
DR1
DR0
VSRO(mV)
00
0
010
<≤
V
SRO
00
1
10
20
<≤
V
SRO
01
0
20
40
<≤
V
SRO
01
1
40
60
<≤
V
SRO
10
0
V
SRO > 60
FLGS2 Bits
76
5
4
3
2
1
0
-
-
-
-
-
-
-
OVLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com