Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4088-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4088-1
Description  High Effi ciency Battery Charger/USB Power Manager with Regulated Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4088-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4088-1 Datasheet HTML 1Page - Linear Technology LTC4088-1 Datasheet HTML 2Page - Linear Technology LTC4088-1 Datasheet HTML 3Page - Linear Technology LTC4088-1 Datasheet HTML 4Page - Linear Technology LTC4088-1 Datasheet HTML 5Page - Linear Technology LTC4088-1 Datasheet HTML 6Page - Linear Technology LTC4088-1 Datasheet HTML 7Page - Linear Technology LTC4088-1 Datasheet HTML 8Page - Linear Technology LTC4088-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4088-1/LTC4088-2
2
40881fb
VBUS (Transient) t < 1ms, Duty Cycle < 1%.. –0.3V to 7V
VBUS (Static), BAT, CHRG, NTC, D0,
D1, D2.......................................................... –0.3V to 6V
ICLPROG ....................................................................3mA
IPROG, IC/X ................................................................2mA
ICHRG......................................................................75mA
IOUT.............................................................................2A
ISW..............................................................................2A
IBAT .............................................................................2A
Maximum Operating Junction Temperature .......... 125°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, RCLPROG = 2.94k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBUS
Input Supply Voltage
l
4.35
5.5
V
IBUS(LIM)
Total Input Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
l
l
l
l
l
92
445
815
0.32
1.6
97
470
877
0.39
2.05
100
500
1000
0.5
2.5
mA
mA
mA
mA
mA
IBUSQ (Note 4)
Input Quiescent Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
6
14
14
0.038
0.038
mA
mA
mA
mA
mA
hCLPROG (Note 4) Ratio of Measured VBUS Current to
CLPROG Program Current
1x Mode
5x Mode
10x Mode
Low Power Suspend Mode
High Power Suspend Mode
224
1133
2140
11.3
59.4
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D1
D0
SW
VBUS
VOUT
BAT
GATE
NTC
CLPROG
VOUTS
D2
C/X
PROG
CHRG
TOP VIEW
15
DE PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4088EDE-1#PBF
LTC4088EDE-1#TRPBF
40881
14-Lead (4mm
× 3mm × 0.75mm) Plastic DFN –40°C to 85°C
LTC4088EDE-2#PBF
LTC4088EDE-2#TRPBF
40882
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com