Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4151 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4151
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 8Page - Linear Technology LTC4151 Datasheet HTML 9Page - Linear Technology LTC4151 Datasheet HTML 10Page - Linear Technology LTC4151 Datasheet HTML 11Page - Linear Technology LTC4151 Datasheet HTML 12Page - Linear Technology LTC4151 Datasheet HTML 13Page - Linear Technology LTC4151 Datasheet HTML 14Page - Linear Technology LTC4151 Datasheet HTML 15Page - Linear Technology LTC4151 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4151/LTC4151-1
14
41511fa
PACKAGE DESCRIPTION
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699)
3.00 ±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.38 ± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65 ± 0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
2.38 ±0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN 1103
0.25 ± 0.05
2.38 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.15 ±0.05
0.50
BSC
0.675 ±0.05
3.50 ±0.05
PACKAGE
OUTLINE
0.25 ± 0.05
0.50 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com