Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4210-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4210-3
Description  Hot Swap Controller in 6-Lead SOT-23 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC4210-3 Datasheet HTML 1Page - Linear Technology LTC4210-3 Datasheet HTML 2Page - Linear Technology LTC4210-3 Datasheet HTML 3Page - Linear Technology LTC4210-3 Datasheet HTML 4Page - Linear Technology LTC4210-3 Datasheet HTML 5Page - Linear Technology LTC4210-3 Datasheet HTML 6Page - Linear Technology LTC4210-3 Datasheet HTML 7Page - Linear Technology LTC4210-3 Datasheet HTML 8Page - Linear Technology LTC4210-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC4210-3/LTC4210-4
421034fa
(Note 1)
Supply Voltage (VCC) ............................................... 17V
Input Voltage (SENSE, TIMER) .. – 0.3V to (VCC + 0.3V)
Input Voltage (ON) ..................................... –0.3V to 17V
Output Voltage (GATE) ........ Internally Limited (Note 3)
Operating Temperature Range
LTC4210-3C/LTC4210-4C ....................... 0
°C to 70°C
LTC4210-3I/LTC4210-4I .................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC4210-3CS6
LTC4210-4CS6
LTC4210-3IS6
LTC4210-4IS6
TJMAX = 125°C, θJA = 230°C/ W
TIMER 1
GND 2
ON 3
6 VCC
5 SENSE
4 GATE
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
S6 PART MARKING
LTCPJ
LTCPM
LTCPK
LTCPN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
2.7
7.0
V
ICC
VCC Supply Current
●
0.75
3.5
mA
VLKOR
VCC Undervoltage Lockout Release
VCC Rising
●
2.2
2.5
2.65
V
VLKOHYST
VCC Undervoltage Lockout Hysteresis
100
mV
IINON
ON Pin Input Current
●
–10
0
10
µA
IINSENSE
SENSE Pin Input Current
VSENSE = VCC
●
–10
5
10
µA
VCB
Circuit Breaker Trip Voltage
VCB = (VCC – VSENSE)
●
44
50
56
mV
IGATEUP
GATE Pin Pull-Up Current
VGATE = 0V
●
–5
– 10
–15
µA
IGATEDN
GATE Pin Pull-Down Current
VTIMER = 1.5V, VGATE = 3V or
25
mA
VON = 0V, VGATE = 3V or
VCC – VSENSE = 100mV, VGATE = 3V
∆VGATE
External N-Channel Gate Drive
VGATE – VCC, VCC = 2.7V
●
4.0
6.5
8
V
VGATE – VCC, VCC = 3V
●
4.5
7.5
10
V
VGATE – VCC, VCC = 3.3V
●
5.0
8.5
9.7
V
VGATE – VCC, VCC = 5V
●
5.0
7.0
8.0
V
VGATE
GATE Pin Voltage
VCC = 2.7V
●
6.7
9.2
10.7
V
VCC = 3.0V
●
7.5
10.5
13.0
V
VCC = 3.3V
●
8.3
11.8
13.0
V
VCC = 5.0V
●
10.0
12.0
13.0
V
ITIMERUP
TIMER Pin Pull-Up Current
Initial Cycle, VTIMER = 1V
●
–2
–5
–8.5
µA
During Current Fault Condition, VTIMER = 1V ●
–25
–60
–100
µA
ITIMERDN
TIMER Pin Pull-Down Current
After Current Fault Disappears, VTIMER = 1V
●
2
3.5
µA
Under Normal Conditions, VTIMER = 1V
100
µA
VTIMER
TIMER Pin Threshold
High Threshold, TIMER Rising
●
1.22
1.3
1.38
V
Low Threshold, TIMER Falling
●
0.15
0.2
0.25
V
VTMRHYST
TIMER Low Threshold Hysteresis
100
mV
VON
ON Pin Threshold
ON Threshold, ON Rising
●
1.22
1.3
1.38
V
VONHYST
ON Pin Threshold Hysteresis
80
mV
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com