Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4213 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4213 Datasheet HTML 2Page - Linear Technology LTC4213 Datasheet HTML 3Page - Linear Technology LTC4213 Datasheet HTML 4Page - Linear Technology LTC4213 Datasheet HTML 5Page - Linear Technology LTC4213 Datasheet HTML 6Page - Linear Technology LTC4213 Datasheet HTML 7Page - Linear Technology LTC4213 Datasheet HTML 8Page - Linear Technology LTC4213 Datasheet HTML 9Page - Linear Technology LTC4213 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4213
6
4213f
tRESET vs Temperature
tFAULT(SLOW) vs VCC
tFAULT(SLOW) vs Temperature
tFAULT(FAST) vs VCC
tFAULT(FAST) vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS Specifications are at T
A = 25°C. VCC = 5V
unless otherwise noted.
4213 G23
0.9
0.8
0.7
1.0
1.1
1.2
1.3
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
BIAS SUPPLY VOLTAGE (V)
2.0
10
14
12
16
18
3.0
4.0
5.0
6.0
4213 G20
20
22
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
50
100
125
4213 G21
–25
25
75
10
14
12
16
18
20
22
TEMPERATURE (°C)
–50
0
50
100
125
4213 G19
–25
25
75
60
70
80
90
100
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G22
2.5
3.5
4.5
5.5
0.9
0.8
0.7
1.0
1.1
1.2
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com