Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4215-1
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4215-1 Datasheet HTML 1Page - Linear Technology LTC4215-1 Datasheet HTML 2Page - Linear Technology LTC4215-1 Datasheet HTML 3Page - Linear Technology LTC4215-1 Datasheet HTML 4Page - Linear Technology LTC4215-1 Datasheet HTML 5Page - Linear Technology LTC4215-1 Datasheet HTML 6Page - Linear Technology LTC4215-1 Datasheet HTML 7Page - Linear Technology LTC4215-1 Datasheet HTML 8Page - Linear Technology LTC4215-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4215-1
2
42151fa
Supply Voltage (VDD) ................................ –0.3V to 24V
Supply Voltage (INTVCC) .......................... –0.3V to 6.5V
Input Voltages
GATE-SOURCE (Note 3).......................... –0.3V to 5V
SENSE+, SENSE– ................ VDD – 0.3V to VDD + 0.3V
SOURCE.................................................... –5V to 24V
EN, FB, ON, OV, UV ................................ –0.3V to 12V
ADR0, ADR1, TIMER,
ADIN, SS................................ –0.3V to INTVCC + 0.3V
GPIO2, GPIO3, SCL, SDA, SDAI, SDAO –0.3V to 6.5V
Output Voltages
GATE, GPIO1.......................................... –0.3V to 24V
GPIO2, GPIO3....................................... –0.3V to 6.5V
Operating Temperature Range
LTC4215C-1 ............................................. 0°C to 70°C
LTC4215I-1 .......................................... –40°C to 85°C
Storage Temperature Range
QFN.................................................... –65°C to 125°C
(Notes 1, 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VDD
Input Supply Range
l
2.9
15
V
VOV(VDD)
Input Supply Overvoltage Threshold
l
15
15.6
16.5
V
IDD
Input Supply Current
l
35
mA
VDD(UVL)
Input Supply Undervoltage Lockout
VDD Rising
l
2.75
2.84
2.89
V
VDD(HYST)
Input Supply Undervoltage Lockout Hysteresis
l
75
100
125
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
8
9
TOP VIEW
25
UFD PACKAGE
24-LEAD (4mm × 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
UV
OV
SS
GND
ON
EN
SDAO
FB
GPIO1
INTVCC
TIMER
ADIN
GPIO3
ADR1
7
14
15
16
17
18
19
13
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 25) PCB GND CONNECTION OPTIONAL
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4215CUFD-1#PBF
LTC4215IUFD-1#PBF
LTC4215CUFD-1#TRPBF
LTC4215IUFD-1#TRPBF
42151
42151
24-Lead (4mm × 5mm) Plastic QFN
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4215CUFD-1
LTC4215IUFD-1
LTC4215CUFD-1#TR
LTC4215IUFD-1#TR
42151
42151
24-Lead (4mm × 5mm) Plastic QFN
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com