Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4224-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4224-1
Description  Compact Dual Low Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4224-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4224-1 Datasheet HTML 1Page - Linear Technology LTC4224-1 Datasheet HTML 2Page - Linear Technology LTC4224-1 Datasheet HTML 3Page - Linear Technology LTC4224-1 Datasheet HTML 4Page - Linear Technology LTC4224-1 Datasheet HTML 5Page - Linear Technology LTC4224-1 Datasheet HTML 6Page - Linear Technology LTC4224-1 Datasheet HTML 7Page - Linear Technology LTC4224-1 Datasheet HTML 8Page - Linear Technology LTC4224-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4224-1/LTC4224-2
2
422412fa
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCCn).................................. –0.3V to 9V
Input Voltages
SENSEn, ONn........................................... –0.3V to 9V
Output Voltages
GATEn – VCC (Note 4) .............................. –0.3V to 5V
FAULT....................................................... –0.3V to 9V
(Notes 1, 2)
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
SENSE1
VCC1
GATE1
FAULT
ON1
SENSE2
VCC2
GATE2
GND
ON2
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
SENSE1
VCC1
GATE1
FAULT
ON1
10
9
8
7
6
SENSE2
VCC2
GATE2
GND
ON2
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4224CDDB-1#PBF
LTC4224CDDB-1#TRPBF
LDTT
10-Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC4224CDDB-2#PBF
LTC4224CDDB-2#TRPBF
LDNV
10-Lead (3mm
× 2mm) Plastic DFN
0°C to 70°C
LTC4224IDDB-1#PBF
LTC4224IDDB-1#TRPBF
LDTT
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC4224IDDB-2#PBF
LTC4224IDDB-2#TRPBF
LDNV
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC4224CMS-1#PBF
LTC4224CMS-1#TRPBF
LTDTV
10-Lead Plastic MSOP
0°C to 70°C
LTC4224CMS-2#PBF
LTC4224CMS-2#TRPBF
LTDNW
10-Lead Plastic MSOP
0°C to 70°C
LTC4224IMS-1#PBF
LTC4224IMS-1#TRPBF
LTDTV
10-Lead Plastic MSOP
–40°C to 85°C
LTC4224IMS-2#PBF
LTC4224IMS-2#TRPBF
LTDNW
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC4224C ................................................ 0°C to 70°C
LTC4224I.............................................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature Range (Soldering, 10 sec)
MSOP Package ................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com